Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS3M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CS3M
Description  Surface Mount Glass Passivated Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS3M Datasheet(HTML) 2 Page - Vishay Siliconix

  CS3M Datasheet HTML 1Page - Vishay Siliconix CS3M Datasheet HTML 2Page - Vishay Siliconix CS3M Datasheet HTML 3Page - Vishay Siliconix CS3M Datasheet HTML 4Page - Vishay Siliconix CS3M Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CS3D, CS3G, CS3J, CS3K, CS3M
www.vishay.com
Vishay General Semiconductor
Revision: 25-Jul-16
2
Document Number: 87637
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: pulse width
 40 ms
Notes
(1) Free air, mounted on recommended copper pad area; thermal resistance RJA - junction to ambient
(2) Mounted on 14 mm x 14 mm copper pad areas, RJM - junction to mount at the terminal
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward voltage
IF = 1.5 A
TA = 25 °C
VF (1)
0.90
-
V
IF = 3.0 A
0.95
1.2
IF = 1.5 A
TA = 125 °C
0.77
-
IF = 3.0 A
0.85
1.05
Maximum DC reverse current at rated DC
blocking voltage
Rated VR
TA = 25 °C
IR (2)
-10
μA
TA = 125 °C
-
500
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
2.8
-
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
26
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
CS3D
CS3G
CS3J
CS3K
CS3M
UNIT
Typical thermal resistance
RJA(1)
80
°C/W
RJM (2)
13
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
CS3J-E3/I
0.211
I
3500
13" diameter plastic tape and reel


Similar Part No. - CS3M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS3M VISHAY-CS3M Datasheet
94Kb / 4P
   Surface-Mount Glass Passivated Rectifier
01-Jan-2022
More results

Similar Description - CS3M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
GF1GHE3-5CA VISHAY-GF1GHE3-5CA Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
S2JHE3-52T VISHAY-S2JHE3-52T Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S1MHE3 VISHAY-S1MHE3 Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
SA2M-E35AT VISHAY-SA2M-E35AT Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S5M-E3 VISHAY-S5M-E3 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 28-Apr-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com