Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4261PAS Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # S4261PAS
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S4261PAS Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button S4261PAS Datasheet HTML 7Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 8Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 9Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 10Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 11Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 12Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 13Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 14Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
S4242/S42WD42/S4261/S42WD61
11
2025 6.0 4/17/00
FIGURE 13. RANDOM ADDRESS BYTE READ MODE
Random Address Byte Read
Random address read operations allow the master to
access any memory location in a random fashion. This
operation involves a two-step process. First, the master
issues a write command which includes the start condi-
tion and the slave address field (with the R/W bit set to
WRITE) followed by the address of the word it is to read.
This procedure sets the internal address counter of the
S42xxx to the desired address.
After the word address acknowledge is received by the
master, the master immediately reissues a start condition
followed by another slave address field with the R/W bit
set to READ. The S42xxx will respond with an acknowl-
edge and then transmit the 8-data bits stored at the
addressed location. At this point, the master does not
acknowledge the transmission but does generate the stop
condition. The S42xxx discontinues data transmission
and reverts to its standby power mode. See Figure 13 for
the address, acknowledge and data transfer sequence.
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
S
T
A
R
T
Word Address
* S4261/S42WD61 only
S
T
O
P
A
C
K
Slave Address
Slave Address
Device
Type
Address
Read/Write
0= Write
Device
Type
Address
A10,A9,A8
A10,A9,A8
SDA Bus
Activity
S
T
A
R
T
Read/Write
1= Read
A
C
K
A
C
K
Master sends Read
request to Slave
Master Writes Word
Address to Slave
Master Requests
Data from Slave
Slave sends
Data to Master
10 1 0
10 1 0
1
0
*
A
10
*
A
9
R
W
A
8
A
9
R
W
A
10
A
8
Lack of ACK (low)
from Master
determines last
data byte to be read
1
Slave Transmitter
to
Master Receiver
Slave Transmitter
to
Master Receiver
Shading Denotes
42xxx
SDA Output Active
Slave Transmitter
to
Master Receiver
Master Transmitter
to
Slave Receiver
Master Transmitter
to
Slave Receiver
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
Data Byte
2025 ILL13.1


Similar Part No. - S4261PAS

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S4260 MICROSEMI-S4260 Datasheet
120Kb / 3P
   Silicon Power Rectifier
logo
Switchcraft, Inc.
S4263 SWITCH-S4263 Datasheet
71Kb / 2P
   INSULATING WASHER
More results

Similar Description - S4261PAS

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
List of Unclassifed Man...
SMS2916 ETC1-SMS2916 Datasheet
101Kb / 16P
   Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
logo
Toshiba Semiconductor
TA8041HA TOSHIBA-TA8041HA Datasheet
326Kb / 8P
   DUAL VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
STMicroelectronics
STWD100 STMICROELECTRONICS-STWD100 Datasheet
225Kb / 25P
   Watchdog timer circuit
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com