Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2302308 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 2302308
Description  VARIOFACE system cable with D-SUB female connector and pin strip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2302308 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 2302308 Datasheet HTML 2Page - PHOENIX CONTACT 2302308 Datasheet HTML 3Page - PHOENIX CONTACT 2302308 Datasheet HTML 4Page - PHOENIX CONTACT 2302308 Datasheet HTML 5Page - PHOENIX CONTACT 2302308 Datasheet HTML 6Page - PHOENIX CONTACT 2302308 Datasheet HTML 7Page - PHOENIX CONTACT 2302308 Datasheet HTML 8Page - PHOENIX CONTACT 2302308 Datasheet HTML 9Page - PHOENIX CONTACT 2302308 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CABLE-D...SUB...
100008_en_06
PHOENIX CONTACT
7
5.4
Shielded system cable with D-SUB female
connector and one open end
Assembly: D-SUB female connector at one end,
open end at the other end according to IEC 807-2/
DIN 41652 (1:1 connection)
Cable outlet: Straight
Metal-plated housing
Screw connection: 2 UNC 4-40 screws
Special lengths can be defined using an order
key, see ordering example on page 8.
Description
Number of
positions
Cable
length
Type
Order No.
Pcs./
Pkt.
Assembled round cable, with 9-pos. D-SUB female
connector and one open end in fixed lengths
90.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D- 9SUB/F/OE/0,25/S/0,5M
CABLE-D- 9SUB/F/OE/0,25/S/1,0M
CABLE-D- 9SUB/F/OE/0,25/S/1,5M
CABLE-D- 9SUB/F/OE/0,25/S/2,0M
CABLE-D- 9SUB/F/OE/0,25/S/3,0M
CABLE-D- 9SUB/F/OE/0,25/S/4,0M
CABLE-D- 9SUB/F/OE/0,25/S/6,0M
2926014
2926027
2926030
2926043
2926056
2926069
2926072
1
1
1
1
1
1
1
Assembled round cable, with 9-pos. D-SUB female
connector and one open end in variable lengths
9
Variable
CABLE-D- 9SUB-F-OE-0,25-S/...
1
2900903
2
1
Assembled round cable, with 15-pos. D-SUB female
connector and one open end in fixed lengths
15
0.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D-15SUB/F/OE/0,25/S/0,5M
CABLE-D-15SUB/F/OE/0,25/S/1,0M
CABLE-D-15SUB/F/OE/0,25/S/1,5M
CABLE-D-15SUB/F/OE/0,25/S/2,0M
CABLE-D-15SUB/F/OE/0,25/S/3,0M
CABLE-D-15SUB/F/OE/0,25/S/4,0M
CABLE-D-15SUB/F/OE/0,25/S/6,0M
2926085
2926098
2926108
2926111
2926124
2926137
2926140
1
1
1
1
1
1
1
Assembled round cable, with 15-pos. D-SUB female
connector and one open end in variable lengths
15
Variable
CABLE-D-15SUB-F-OE-0,25-S/...
1
2900905
2
1
Assembled round cable, with 25-pos. D-SUB female
connector and one open end in fixed lengths
25
0.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D-25SUB/F/OE/0,25/S/0,5M
CABLE-D-25SUB/F/OE/0,25/S/1,0M
CABLE-D-25SUB/F/OE/0,25/S/1,5M
CABLE-D-25SUB/F/OE/0,25/S/2,0M
CABLE-D-25SUB/F/OE/0,25/S/3,0M
CABLE-D-25SUB/F/OE/0,25/S/4,0M
CABLE-D-25SUB/F/OE/0,25/S/6,0M
2926153
2926166
2926179
2926182
2926195
2926205
2926218
1
1
1
1
1
1
1
Assembled round cable, with 25-pos. D-SUB female
connector and one open end in variable lengths
25
Variable
CABLE-D-25SUB-F-OE-0,25-S/...
1
2900906
2
1
Assembled round cable, with 37-pos. D-SUB female
connector and one open end in fixed lengths
37
0.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D-37SUB/F/OE/0,25/S/0,5M
CABLE-D-37SUB/F/OE/0,25/S/1,0M
CABLE-D-37SUB/F/OE/0,25/S/1,5M
CABLE-D-37SUB/F/OE/0,25/S/2,0M
CABLE-D-37SUB/F/OE/0,25/S/3,0M
CABLE-D-37SUB/F/OE/0,25/S/4,0M
CABLE-D-37SUB/F/OE/0,25/S/6,0M
2926221
2926234
2926247
2926250
2926263
2926276
2926289
1
1
1
1
1
1
1
Assembled round cable, with 37-pos. D-SUB female
connector and one open end in variable lengths
37
Variable
CABLE-D-37SUB-F-OE-0,25-S/...
1
2900907
2
1
Assembled round cable, with 50-pos. D-SUB female
connector and one open end in fixed lengths
50
0.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D-50SUB/F/OE/0,25/S/0,5M
CABLE-D-50SUB/F/OE/0,25/S/1,0M
CABLE-D-50SUB/F/OE/0,25/S/1,5M
CABLE-D-50SUB/F/OE/0,25/S/2,0M
CABLE-D-50SUB/F/OE/0,25/S/3,0M
CABLE-D-50SUB/F/OE/0,25/S/4,0M
CABLE-D-50SUB/F/OE/0,25/S/6,0M
2926292
2926302
2926315
2926328
2926331
2926344
2926357
1
1
1
1
1
1
1


Similar Part No. - 2302308

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2302308 PHOENIX-2302308 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302308 PHOENIX-2302308 Datasheet
171Kb / 5P
   FLKM-D50 SUB/B/MKKDS
2302308 PHOENIX-2302308 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302308 PHOENIX-2302308 Datasheet
110Kb / 5P
   UM 45-D50SUB/B/FRONT/Q
2302308 PHOENIX-2302308 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
More results

Similar Description - 2302308

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2926425 PHOENIX-2926425 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2305541 PHOENIX-2305541 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2299987 PHOENIX-2299987 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2302052 PHOENIX-2302052 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2305499 PHOENIX-2305499 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
2926069 PHOENIX-2926069 Datasheet
447Kb / 10P
   VARIOFACE system cable with D-SUB female connector and pin strip
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
SUYIN USA, INC.
070210FR SUYIN-USA-070210FR Datasheet
132Kb / 1P
   D-SUB 15 PIN FEMALE CONNECTOR
logo
Assmann Electronics Inc...
AB915 ASSMANN-AB915 Datasheet
69Kb / 1P
   D-Sub 9-Pin Female to D-Sub 25-pin Female
logo
PHOENIX CONTACT
103490 PHOENIX-103490 Datasheet
229Kb / 4P
   VIP - VARIOFACE Professional System cables with molded FLK connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com