Electronic Components Datasheet Search |
|
2302256 Datasheet(PDF) 9 Page - PHOENIX CONTACT |
|
2302256 Datasheet(HTML) 9 Page - PHOENIX CONTACT |
9 / 10 page CABLE-D...SUB... 100008_en_06 PHOENIX CONTACT 9 5.5 Shielded system cable with D-SUB pin strip and one open end – Assembly: D-SUB pin strip at one end, open end at the other end according to IEC 807-2/ DIN 41652 (1:1 connection) – Cable outlet: Straight – Metal-plated housing – Screw connection: 2 UNC 4-40 screws Special lengths can be defined using an order key, see ordering example on page 10. Description Number of positions Cable length Type Order No. Pcs./ Pkt. Assembled round cable, with 9-pos. D-SUB pin strip and one open end in fixed lengths 90.5 m 1.0 m 1.5 m 2.0 m 3.0 m 4.0 m 6.0 m CABLE-D- 9SUB/M/OE/0,25/S/0,5M CABLE-D- 9SUB/M/OE/0,25/S/1,0M CABLE-D- 9SUB/M/OE/0,25/S/1,5M CABLE-D- 9SUB/M/OE/0,25/S/2,0M CABLE-D- 9SUB/M/OE/0,25/S/3,0M CABLE-D- 9SUB/M/OE/0,25/S/4,0M CABLE-D- 9SUB/M/OE/0,25/S/6,0 2926360 2926373 2926386 2926399 2926409 2926412 2926425 1 1 1 1 1 1 1 Assembled round cable, with 9-pos. D-SUB pin strip and one open end in variable lengths 9 Variable CABLE-D- 9SUB-M-OE-0,25-S/... 1 2900909 2 1 Assembled round cable, with 15-pos. D-SUB pin strip and one open end in fixed lengths 15 0.5 m 1.0 m 1.5 m 2.0 m 3.0 m 4.0 m 6.0 m CABLE-D-15SUB/M/OE/0,25/S/0,5M CABLE-D-15SUB/M/OE/0,25/S/1,0M CABLE-D-15SUB/M/OE/0,25/S/1,5M CABLE-D-15SUB/M/OE/0,25/S/2,0M CABLE-D-15SUB/M/OE/0,25/S/3,0M CABLE-D-15SUB/M/OE/0,25/S/4,0M CABLE-D-15SUB/M/OE/0,25/S/6,0M 2926438 2926441 2926454 2926467 2926470 2926483 2926496 1 1 1 1 1 1 1 Assembled round cable, with 15-pos. D-SUB pin strip and one open end in variable lengths 15 Variable CABLE-D-15SUB-M-OE-0,25-S/... 1 2900910 2 1 Assembled round cable, with 25-pos. D-SUB pin strip and one open end in fixed lengths 25 0.5 m 1.0 m 1.5 m 2.0 m 3.0 m 4.0 m 6.0 m CABLE-D-25SUB/M/OE/0,25/S/0,5M CABLE-D-25SUB/M/OE/0,25/S/1,0M CABLE-D-25SUB/M/OE/0,25/S/1,5M CABLE-D-25SUB/M/OE/0,25/S/2,0M CABLE-D-25SUB/M/OE/0,25/S/3,0M CABLE-D-25SUB/M/OE/0,25/S/4,0M CABLE-D-25SUB/M/OE/0,25/S/6,0M 2926506 2926519 2926522 2926535 2926548 2926551 2926564 1 1 1 1 1 1 1 Assembled round cable, with 25-pos. D-SUB pin strip and one open end in variable lengths 25 Variable CABLE-D-25SUB-M-OE-0,25-S/... 1 2900911 2 1 Assembled round cable, with 37-pos. D-SUB pin strip and one open end in fixed lengths 37 0.5 m 1.0 m 1.5 m 2.0 m 3.0 m 4.0 m 6.0 m CABLE-D-37SUB/M/OE/0,25/S/0,5M CABLE-D-37SUB/M/OE/0,25/S/1,0M CABLE-D-37SUB/M/OE/0,25/S/1,5M CABLE-D-37SUB/M/OE/0,25/S/2,0M CABLE-D-37SUB/M/OE/0,25/S/3,0M CABLE-D-37SUB/M/OE/0,25/S/4,0M CABLE-D-37SUB/M/OE/0,25/S/6,0M 2926577 2926580 2926593 2926603 2926616 2926629 2926632 1 1 1 1 1 1 1 Assembled round cable, with 37-pos. D-SUB pin strip and one open end in variable lengths 37 Variable CABLE-D-37SUB-M-OE-0,25-S/... 1 2900912 2 1 Assembled round cable, with 50-pos. D-SUB pin strip and one open end in fixed lengths 50 0.5 m 1.0 m 1.5 m 2.0 m 3.0 m 4.0 m 6.0 m CABLE-D-50SUB/M/OE/0,25/S/0,5M CABLE-D-50SUB/M/OE/0,25/S/1,0M CABLE-D-50SUB/M/OE/0,25/S/1,5M CABLE-D-50SUB/M/OE/0,25/S/2,0M CABLE-D-50SUB/M/OE/0,25/S/3,0M CABLE-D-50SUB/M/OE/0,25/S/4,0M CABLE-D-50SUB/M/OE/0,25/S/6,0M 2926645 2926658 2926661 2926674 2926687 2926690 2926700 1 1 1 1 1 1 1 |
Similar Part No. - 2302256 |
|
Similar Description - 2302256 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |