Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4242PAS Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # S4242PAS
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S4242PAS Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  S4242PAS Datasheet HTML 1Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 2Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 3Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 4Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 5Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 6Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 7Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 8Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
S4242/S42WD42/S4261/S42WD61
3
2025 6.0 4/17/00
FIGURE 2. START AND STOP CONDITIONS
FIGURE 1. BUS TIMING
CAPACITANCE
TA = 25°C, f = 100KHz
Symbol
Parameter
Max
Units
CIN
Input Capacitance
5
pF
COUT
Output Capacitance
8
pF
2025 PGM T4.0
tF
tR
tLOW
tHIGH
tHD:SDA
tSU:SDA
tBUF
tDH
tHD:DAT
tSU:DAT
tSU:STO
SCL
SDA In
SDA Out
tAA
2025 Fig01 1.0
2025 Fig02 1.0
SCL
SDA In
START
Condition
STOP
Condition


Similar Part No. - S4242PAS

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S4240 MICROSEMI-S4240 Datasheet
120Kb / 3P
   Silicon Power Rectifier
logo
Sensitron
S424CA SENSITRON-S424CA Datasheet
48Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424GC SENSITRON-S424GC Datasheet
258Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424GE SENSITRON-S424GE Datasheet
157Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424GE SENSITRON-S424GE_09 Datasheet
48Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
More results

Similar Description - S4242PAS

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
List of Unclassifed Man...
SMS2916 ETC1-SMS2916 Datasheet
101Kb / 16P
   Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
logo
Toshiba Semiconductor
TA8041HA TOSHIBA-TA8041HA Datasheet
326Kb / 8P
   DUAL VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
STMicroelectronics
STWD100 STMICROELECTRONICS-STWD100 Datasheet
225Kb / 25P
   Watchdog timer circuit
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com