Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1656259 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1656259
Description  D-SUB cable - VS-09-DSUB-20-LI-5,0 - 1656259
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1656259 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1656259 Datasheet HTML 1Page - PHOENIX CONTACT 1656259 Datasheet HTML 2Page - PHOENIX CONTACT 1656259 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1656259
09/19/2014   Page 1 / 3
D-SUB cable - VS-09-DSUB-20-LI-5,0 - 1656259
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Assembled D-SUB cable shielded, 9-pos., stranded (7-wire), cable color RAL 7000 (gray), IP20 degree of
protection, head 1 with socket shell 1 and straight cable outlet, head 2 with pin shell 1 and straight cable outlet,
length: 5 m
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
232.4 GRM
Custom tariff number
85444290
Country of origin
China
Technical data
Mechanical characteristics
Number of positions
9
Insertion/withdrawal cycles
≥ 50
Cable exit
Straight
Length of cable
5 m
Ambient conditions
Ambient temperature (operation)
0 °C ... 70 °C
Degree of protection
IP20
Material data
Housing material
PVC
Contact material
Copper alloy
Contact surface material
Gold-plated
Outer sheath, material
PVC
Electrical characteristics
Rated voltage (III/3)
125 V


Similar Part No. - 1656259

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1656233 PHOENIX-1656233 Datasheet
62Kb / 3P
   D-SUB cable - VS-09-DSUB-20-LI-1,0 - 1656233
1656246 PHOENIX-1656246 Datasheet
55Kb / 4P
   D-SUB cable - VS-09-DSUB-20-LI-2,0 - 1656246
1656262 PHOENIX-1656262 Datasheet
114Kb / 5P
   D-SUB cable - VS-15-DSUB-20-LI-1,0
09/11/2020
1656275 PHOENIX-1656275 Datasheet
390Kb / 8P
   D-SUB cable - VS-15-DSUB-20-LI-2,0
1656288 PHOENIX-1656288 Datasheet
64Kb / 3P
   D-SUB cable - VS-15-DSUB-20-LI-5,0 - 1656288
More results

Similar Description - 1656259

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1656233 PHOENIX-1656233 Datasheet
62Kb / 3P
   D-SUB cable - VS-09-DSUB-20-LI-1,0 - 1656233
1656314 PHOENIX-1656314 Datasheet
126Kb / 5P
   D-SUB cable - VS-25-DSUB-20-LI-5,0
09/11/2020
1656246 PHOENIX-1656246 Datasheet
55Kb / 4P
   D-SUB cable - VS-09-DSUB-20-LI-2,0 - 1656246
1656288 PHOENIX-1656288 Datasheet
64Kb / 3P
   D-SUB cable - VS-15-DSUB-20-LI-5,0 - 1656288
1656291 PHOENIX-1656291 Datasheet
126Kb / 5P
   D-SUB cable - VS-25-DSUB-20-LI-1,0
09/11/2020
1656262 PHOENIX-1656262 Datasheet
114Kb / 5P
   D-SUB cable - VS-15-DSUB-20-LI-1,0
09/11/2020
1656301 PHOENIX-1656301 Datasheet
126Kb / 5P
   D-SUB cable - VS-25-DSUB-20-LI-2,0
09/11/2020
1656275 PHOENIX-1656275 Datasheet
390Kb / 8P
   D-SUB cable - VS-15-DSUB-20-LI-2,0
1688829 PHOENIX-1688829 Datasheet
67Kb / 4P
   D-SUB contact insert - VS-09-BU-DSUB-FK
1688418 PHOENIX-1688418 Datasheet
67Kb / 3P
   D-SUB contact support - VS-09-ST-DSUB-2P
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com