Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2512JKF7T0R001 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # PA2512JKF7T0R001
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PA2512JKF7T0R001 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button PA2512JKF7T0R001 Datasheet HTML 2Page - YAGEO Corporation PA2512JKF7T0R001 Datasheet HTML 3Page - YAGEO Corporation PA2512JKF7T0R001 Datasheet HTML 4Page - YAGEO Corporation PA2512JKF7T0R001 Datasheet HTML 5Page - YAGEO Corporation PA2512JKF7T0R001 Datasheet HTML 6Page - YAGEO Corporation PA2512JKF7T0R001 Datasheet HTML 7Page - YAGEO Corporation PA2512JKF7T0R001 Datasheet HTML 8Page - YAGEO Corporation PA2512JKF7T0R001 Datasheet HTML 9Page - YAGEO Corporation PA2512JKF7T0R001 Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Dec. 01, 2016 V.5
Product specification
9
10
SERIES
PA_E
2512
TEST
TEST METHOD
PROCEDURE
REQUIREMENT
Electrostatic
Discharge
AEC-Q200-002
Human Body Model, 1 pos + 1 neg.
Discharges 2512=2KV
± (1.0%+0.0005Ω)
No visible damage
Solderability
- Wetting
J-STD-002B test B
(a) Method B, aging 4 hours at 155ºC dry
heat, dipping at 235± 3ºC for 5± 0.5
seconds.
(b) Method B, steam aging 8 hours,
dipping at 215± 3ºC for 5± 0.5
seconds.
(c) Method D, steam aging 8 hours,
dipping at 260± 3 ºC for 7± 0.5
seconds.
Well tinned
(>95% covered)
No visible damage
Flammability
UL94
Try to inflame a specimen by a needle
flame
No ignition of specimen;
V-0
Board Flex /
Bending
AEC-Q200-005
Chips mounted on a 90mm glass epoxy
resin PCB (FR4), Bending for 2512=2 mm
Holding time: Min.60 seconds
± (1.0%+0.0005Ω)
Terminal
Strength (SMD)
AEC-Q200-006
Applied a 17.7N (1.8Kg) for 60± 1
seconds.
± (1.0%+0.0005Ω)
No visible damage
Flame Retardance
AEC-Q200-001
Apply voltage from 9V to 32V to increase
the surface temp to 350ºC
No flame,
no explosion
Temperature
Coefficient of
Resistance (T.C.R.)
MIL-STD-202 Method 304
At +25/+150ºC
Formula:
T.C.R=
)
t
t
(
1
R
R
R
1
2
1
2
x106(ppm/ºC)
Where
t1=+25ºC or specified room temperature
t2=+150ºC test temperature
R1=resistance at reference temperature in
ohms
R2=resistance at test temperature in ohms
Refer to table 2
Flower-of-Sulfur
(FOS)
Modified ASTM B809-95
Sulfur 105ºC, 750 hours, unpowered.
± (1.0%+0.0005Ω)


Similar Part No. - PA2512JKF7T0R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512JKF7T0R001E YAGEO-PA2512JKF7T0R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
More results

Similar Description - PA2512JKF7T0R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com