Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S42WD42P2.7P Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # S42WD42P2.7P
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S42WD42P2.7P Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button S42WD42P2.7P Datasheet HTML 5Page - Summit Microelectronics, Inc. S42WD42P2.7P Datasheet HTML 6Page - Summit Microelectronics, Inc. S42WD42P2.7P Datasheet HTML 7Page - Summit Microelectronics, Inc. S42WD42P2.7P Datasheet HTML 8Page - Summit Microelectronics, Inc. S42WD42P2.7P Datasheet HTML 9Page - Summit Microelectronics, Inc. S42WD42P2.7P Datasheet HTML 10Page - Summit Microelectronics, Inc. S42WD42P2.7P Datasheet HTML 11Page - Summit Microelectronics, Inc. S42WD42P2.7P Datasheet HTML 12Page - Summit Microelectronics, Inc. S42WD42P2.7P Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
S4242/S42WD42/S4261/S42WD61
9
2025 6.0 4/17/00
FIGURE 10. PAGE/BYTE WRITE MODE
WRITE OPERATIONS
The S42xxx allows two types of write operations: byte
write and page write. The byte write operation writes a
single byte during the nonvolatile write period (tWR). The
page write operation allows up to 16 bytes in the same
page to be written during tWR.
Byte WRITE
After the slave address is sent (to identify the slave
device, specify high order word address and a read or
write operation), a second byte is transmitted which
contains the low 8 bit addresses of any one of the 2,048
words in the array.
Upon receipt of the word address, the S42xxx responds
with an ACKnowledge. After receiving the next byte of
data, it again responds with an ACKnowledge. The mas-
ter then terminates the transfer by generating a STOP
condition, at which time the S42xxx begins the internal
write cycle.
While the internal write cycle is in progress, the S42xxx
inputs are disabled, and the device will not respond to any
requests from the master. Refer to Figure 10 for the
address, ACKnowledge and data transfer sequence.
Page WRITE
The S42xxx is capable of a 16-byte page write operation.
It is initiated in the same manner as the byte-write opera-
tion, but instead of terminating the write cycle after the first
data word, the master can transmit up to 15 more words
of data. After the receipt of each word, the S42xxx will
respond with an ACKnowledge.
The S42xxx automatically increments the address for
subsequent data words. After the receipt of each word,
the four low order address bits are internally incremented
by one. The high order five bits of the address byte remain
constant. Should the master transmit more than sixteen
words, prior to generating the STOP condition, the ad-
dress counter will “roll over,” and the previously written
data will be overwritten. As with the byte-write operation,
all inputs are disabled during the internal write cycle.
Refer to Figure 10 for the address, ACKnowledge and
data transfer sequence.
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
D
7
D
5
D
6
D
4
D
0
D
3
D
2
D
1
S
T
A
R
T
Word Address
Data Byte n
Data Byte n+15
S
T
O
P
A
C
K
Acknowledges Transmitted from
42xxx to Master Receiver
Slave Address
Device
Type
Address
Read/Write
0= Write
A10,A9,A8
SDA
Bus
Activity
A
C
K
A
C
K
Master Sends Read
Request to Slave
Master Writes Word
Address to Slave
1 0 1 0
0
Data Byte n+1
A
C
K
Master Writes
Data to Slave
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
Slave Transmitter
to
Master Receiver
Master Transmitter
to
Slave Receiver
Master Transmitter
to
Slave Receiver
Shading Denotes
42xxx
SDA Output Active
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
Slave Transmitter
to
Master Receiver
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
Master Writes
Data to Slave
Master Writes
Data to Slave
Acknowledges Transmitted from
42xxx to Master Receiver
If single byte-write only,
Stop bit issued here.
A
10
A
9
R
W
A
C
K
A
8
2025 ILL10.1


Similar Part No. - S42WD42P2.7P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S42 MICROSEMI-S42 Datasheet
120Kb / 3P
   Silicon Power Rectifier
logo
Nihon Kaiheiki Industry...
S42 NKK-S42 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
Hamamatsu Corporation
S4204 HAMAMATSU-S4204 Datasheet
113Kb / 3P
   Si PIN photodiode Dual-element, plastic package photodiode
logo
List of Unclassifed Man...
S420A ETC-S420A Datasheet
46Kb / 4P
   TELEFILTER
logo
Vishay Siliconix
S420D VISHAY-S420D Datasheet
49Kb / 4P
   Silicon Mesa SMD Rectifier
Rev. 2, 24-Jun-98
More results

Similar Description - S42WD42P2.7P

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
List of Unclassifed Man...
SMS2916 ETC1-SMS2916 Datasheet
101Kb / 16P
   Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
logo
Toshiba Semiconductor
TA8041HA TOSHIBA-TA8041HA Datasheet
326Kb / 8P
   DUAL VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
STMicroelectronics
STWD100 STMICROELECTRONICS-STWD100 Datasheet
225Kb / 25P
   Watchdog timer circuit
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com