Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD6414 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRD6414
Description  CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD6414 Datasheet(HTML) 4 Page - Exar Corporation

  XRD6414 Datasheet HTML 1Page - Exar Corporation XRD6414 Datasheet HTML 2Page - Exar Corporation XRD6414 Datasheet HTML 3Page - Exar Corporation XRD6414 Datasheet HTML 4Page - Exar Corporation XRD6414 Datasheet HTML 5Page - Exar Corporation XRD6414 Datasheet HTML 6Page - Exar Corporation XRD6414 Datasheet HTML 7Page - Exar Corporation XRD6414 Datasheet HTML 8Page - Exar Corporation XRD6414 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
XRD6414
4
Rev. 1.00
ELECTRICAL CHARACTERISTICS
Unless Otherwise Specified: AVDD = DVDD = 5.0V, FS = 15MHz (50% Duty Cycle),
VRT = 5.0V, VRB = 0.0V, TA = 25°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Key Features
n
Resolution
10
Bits
FS
Maximum Sample Rate
20
15
MSPS
DC Accuracy1
DNL
Differential Non-Linearity
–0.8
0.6
1.0
LSB
INL
Integral Non-Linearity
–2.5
1.5
2.5
LSB
Best Fit Line
(Max INL – Min INL)/2
EZS
Zero Scale Error
0
20
40
mV
EFS
Full Scale Error
–1.0
0.4
1.0
%
VINPP
DC Input Range
AGND
AVDD
V
VIN can swing from AGND to AVDD,
actual digitized range is set by VRT
& VRB.
Reference Voltages
VRT
Top Reference Voltage
1.0
2.5
AVDD
V
VRB
Bottom Reference Voltage
AGND
0.5
AVDD–1
V
VREF
Differential Ref. Voltage2
1.0
2
AVDD
V
RL
Ladder Resistance
350
500
650
Analog Input3
Input Voltage Range
VRB
VRT
V
VRB min. = AGND
VRT max = AVDD
BW
Input Bandwidth (–1dB)4
50
MHz
CIN
Input Capacitance Sample5
20
pF
CLK = low
CIN
Input Capacitance Convert5
7
pF
CLK = high
Analog Multiplexer
RON
Switch Impedance
60
120
ROFF
Switch Impedance
10
5
M
TSW
Switching Time
15
ns
Xt
Crosstalk
–80
dB
fIN = 6MHz
Conversion Character
tAP
Aperture Delay
6
ns
tAJ
Aperture Jitter
30
ps
Dynamic
SNR
Signal-to-Noise Ratio
FIN = 1MHz
57
dB
FS = 10MSPS
SNDR
SNR and Distortion
FIN = 1MHz
56
dB
FS = 10MSPS


Similar Part No. - XRD6414

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD6406 EXAR-XRD6406 Datasheet
363Kb / 12P
   CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
XRD6406AID EXAR-XRD6406AID Datasheet
363Kb / 12P
   CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
XRD6406AIP EXAR-XRD6406AIP Datasheet
363Kb / 12P
   CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
XRD6440 EXAR-XRD6440 Datasheet
1Mb / 28P
   10-BIT 40MSPS CMOS ADC
XRD6440AIQ EXAR-XRD6440AIQ Datasheet
1Mb / 28P
   10-BIT 40MSPS CMOS ADC
More results

Similar Description - XRD6414

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP8775 EXAR-MP8775 Datasheet
511Kb / 8P
   CMOS 20 MSPS, 8-Bit, High Speed Analog-to-Digital Converter
XRD6406 EXAR-XRD6406 Datasheet
363Kb / 12P
   CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
logo
Texas Instruments
THS1007 TI-THS1007 Datasheet
246Kb / 36P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI1-THS10064_09 Datasheet
510Kb / 42P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Cadeka Microcircuits LL...
SPT7851 CADEKA-SPT7851 Datasheet
225Kb / 9P
   10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter
logo
Texas Instruments
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com