Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD77113A Datasheet(PDF) 1 Page - NEC

Part # UPD77113A
Description  MOS INTEGRATED CIRCUIT
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77113A Datasheet(HTML) 1 Page - NEC

  UPD77113A Datasheet HTML 1Page - NEC UPD77113A Datasheet HTML 2Page - NEC UPD77113A Datasheet HTML 3Page - NEC UPD77113A Datasheet HTML 4Page - NEC UPD77113A Datasheet HTML 5Page - NEC UPD77113A Datasheet HTML 6Page - NEC UPD77113A Datasheet HTML 7Page - NEC UPD77113A Datasheet HTML 8Page - NEC UPD77113A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµPD77113A, 77114
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
Document No. U14373EJ3V0DS00 (3rd edition)
Date Published February 2001 N CP(K)
Printed in Japan
DATA SHEET
©
1999
DESCRIPTION
The
µPD77113A and 77114 are 16-bit fixed-point digital signal processors (DSPs).
Compared with the
µPD77016 family, these DSPs have improved power consumption and are ideal for battery-
powered mobile terminals such as PDAs and cellular phones.
Both mask ROM and RAM models are available.
For details of the functions of these DSPs, refer to the following User’s Manuals:
µPD77111 Family User’s Manual
: U14623E
µPD77016 Family User’s Manual - Instructions : U13116E
FEATURES
z Instruction cycle (operating clock)
µPD77113A : 13.3 ns MIN (75 MHz MAX)
µPD77114 : 13.3 ns MIN (75 MHz MAX)
z Memory
• Internal instruction memory
µPD77113A : RAM 3.5K words × 32 bits
Mask ROM 48K words
× 32 bits
µPD77114 : RAM 3.5K words × 32 bits
Mask ROM 48K words
× 32 bits
• Data memory
µPD77113A : RAM 16K words × 16 bits × 2 banks
Mask ROM 32K words
× 16 bits × 2 banks
µPD77114 : RAM 16K words × 16 bits × 2 banks
Mask ROM 32K words
× 16 bits × 2 banks
External memory space 8K words
× 16 bits × 2 banks
ORDERING INFORMATION
Part Number
Package
µPD77113AF1-xxx-CN1
80-pin plastic fine-pitch BGA (9
× 9)
µPD77114GC-xxx-9EU
100-pin plastic TQFP (fine pitch) (14
× 14)
Remark xxx indicates ROM code suffix.
The mark
shows major revised points.


Similar Part No. - UPD77113A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD77113A RENESAS-UPD77113A Datasheet
518Kb / 64P
   MOS INTEGRATED CIRCUIT
1999
UPD77113AF1-XXX-CN1 RENESAS-UPD77113AF1-XXX-CN1 Datasheet
518Kb / 64P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD77113A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com