Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3216 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # W3216
Description  GPS L1 Band & GLONASS Ceramic Patch Antenna
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3216 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  W3216 Datasheet HTML 1Page - Pulse A Technitrol Company W3216 Datasheet HTML 2Page - Pulse A Technitrol Company W3216 Datasheet HTML 3Page - Pulse A Technitrol Company W3216 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
pulseelectronics.com/products/antennas
GPS L1 Band & GLONASS
Ceramic Patch Antenna
Pulse Part Number W3216
L145.A (05/12)
3
pulseelectronics.com/products/antennas
3
pulseelectronics.com/products/antennas
GPS Band Radiation Patterns
Typical Free Space Radiation Patterns – Measured on 50 x 50 mm ground plane
ZY Plane
XZ Plane
Vertical Plane
— 1575 MHz
— 1575 MHz
— 1575 MHz


Similar Part No. - W3216

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3211 PULSE-W3211 Datasheet
769Kb / 14P
   902 928MHz Ceramic On Ground Antenna
W3213 PULSE-W3213 Datasheet
1Mb / 3P
   1.575 GHz GPS Ceramic Patch Antenna
W3214 PULSE-W3214 Datasheet
820Kb / 14P
   868MHz On Ground Ceramic SMD Loop Antenna
W3215 PULSE-W3215 Datasheet
1Mb / 11P
   902-928MHz Ceramic Directional 5dBi Antenna
More results

Similar Description - W3216

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
CGGP.25.2.A.02 TAOGLAS-CGGP.25.2.A.02 Datasheet
894Kb / 14P
   GPS/GLONASS Dual-Band Ceramic Patch Antenna 25x25x2mm
logo
Maxtena Inc.
M1516HCT-P-SMA MAXTENA-M1516HCT-P-SMA Datasheet
411Kb / 1P
   L1 GPS GLONASS PASSIVE ANTENNA
M1516HCT-P-UFL MAXTENA-M1516HCT-P-UFL Datasheet
516Kb / 1P
   L1 GPS GLONASS PASSIVE ANTENNA
M1516HCT-P-EXT MAXTENA-M1516HCT-P-EXT Datasheet
344Kb / 1P
   L1 GPS GLONASS PASSIVE ANTENNA
logo
AVX Corporation
1005620 AVX-1005620 Datasheet
776Kb / 5P
   GPS L1 & L5 Ceramic Patch Antenna
5/12/2022
logo
Taoglas antenna solutio...
CGGP.18.4.C.02 TAOGLAS-CGGP.18.4.C.02_18 Datasheet
1Mb / 14P
   18mm Ceramic GPS/GLONASS Patch Antenna
logo
AVX Corporation
1004259 AVX-1004259 Datasheet
1Mb / 4P
   GPS/GLONASS Ceramic Patch Antenna (Active)
10/26/2021
logo
Maxtena Inc.
M1227HCT-SMA-GN MAXTENA-M1227HCT-SMA-GN Datasheet
1Mb / 3P
   L1/L2 GPS GLONASS ACTIVE ANTENNA
REV 2
M1227HCT-TNC-G MAXTENA-M1227HCT-TNC-G Datasheet
687Kb / 3P
   L1/L2 GPS GLONASS ACTIVE ANTENNA
REV A
logo
World Produts Inc.
WPANT10075 WPI-WPANT10075 Datasheet
97Kb / 2P
   GPS L1 band Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com