Electronic Components Datasheet Search |
|
GPSCPMM00 Datasheet(PDF) 1 Page - Pulse A Technitrol Company |
|
GPSCPMM00 Datasheet(HTML) 1 Page - Pulse A Technitrol Company |
1 / 5 page 1 800 ANTENNA (268-3662) 27 NOTE: Antennas are not to scale GPS single band glass MOUnT GPS glass mount single band antennas have the following specifications: Frequency: 1575.4 MHz Gain: 1.5 dBi Pattern: Herispherical LNA Gain: 26 dB ± 2 dB Polarization: Right-Hand Circular VSWR: 1.5:1 Mounting: Double Sided Tape Voltage: 3 or 5 V DC size Model H x l x W (in) Color Cable Connector GPSGMSMA .2 x 3 x 1.2 Black 16.4’ RG-174 SMA GPSGMSMB .2 x 3 x 1.2 Black 16.4’ RG-174 SMB MUlTi band glass MOUnT GPS glass mount multi band antennas have the following specifications: Frequency: 824-960 / 1710-2170 / 1575.4 MHz Gain: 2/4 dBi Pattern: Herispherical LNA Gain: 26 dB ± 2 dB Polarization: Linear Verical/Omni VSWR: 2.5:1/1.5:1 Mounting: Double Sided Tape Voltage: 3 or 5 V DC size Model H x l x W (in) Color Cable Connector GPSGM800/2170FS .3 x 2 x 4 Black 16.4’ RG-174 FME/SMA gPs lOW PrOfile single band GPS low profile single band antennas have the following specifications: Frequency: 1575.4 MHz Gain: 5 dBic Pattern: Herispherical LNA Gain: 28 dB ± 2 dB Polarization: Right-Hand Circular VSWR: 2.0:1 Mounting: NMO Mount Voltage: 5 V DC size Model H x d (in) Color Cable Connector GPSNMO01 1.3 x 2.9 White Order Separately Order Separately GPSNMO02 1.3 x 2.9 Black Order Separately Order Separately GPSNMO07 1.3 x 2.9 White 17’ RG-58/U SMB GPSNMO08 1.3 x 2.9 Black 17’ RG-58/U SMB GPSNMO09 1.3 x 2.9 White 17’ RG-58/U SMA GPSNMO10 1.3 x 2.9 Black 17’ RG-58/U SMA GPSGM Single Band GPSGM Multi Band The most commonly used cable assembly/mount is the NMOKHFUD (27 MHz to 6 GHz) with 17 ’ of UD (RG-58/U Dual Shield). |
Similar Part No. - GPSCPMM00 |
|
Similar Description - GPSCPMM00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |