Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSSP57P38TT1 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TSSP57P38TT1
Description  IR Detector for Mid Range Proximity Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP57P38TT1 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TSSP57P38TT1 Datasheet HTML 5Page - Vishay Siliconix TSSP57P38TT1 Datasheet HTML 6Page - Vishay Siliconix TSSP57P38TT1 Datasheet HTML 7Page - Vishay Siliconix TSSP57P38TT1 Datasheet HTML 8Page - Vishay Siliconix TSSP57P38TT1 Datasheet HTML 9Page - Vishay Siliconix TSSP57P38TT1 Datasheet HTML 10Page - Vishay Siliconix TSSP57P38TT1 Datasheet HTML 11Page - Vishay Siliconix TSSP57P38TT1 Datasheet HTML 12Page - Vishay Siliconix TSSP57P38TT1 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TSSP57P38
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 14-Apr-16
9
Document Number: 82480
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EIA JEDEC standard J-STD-020 level 3 label
is included on all dry bags
ESD PRECAUTION
Proper storage and handling procedures should be followed
to prevent ESD damage to the devices especially when they
are removed from the antistatic shielding bag. Electrostatic
sensitive devices warning labels are on the packaging.
VISHAY SEMICONDUCTORS STANDARD
BAR CODE LABELS
The Vishay Semiconductors standard bar code labels are
printed at final packing areas. The labels are on each
packing unit and contain Vishay Semiconductors specific
data.
BAR CODE PRODUCT LABEL (Example)
1. Calculated shelf life in sealed bag: 12 months at <40°C and <90%
relative humidity (RH)
3. After bag is opened, devices that will be subjected to reflow solder or other high
temperature process must be
4. Devices require bake, before mounting, if:
a) Humidity Indicator Card reads > 10% for level 2a - 5a devices or >60% for
level 2 devices when read at 23±5°C
b) 3a or 3b are not met
5. If baking is required, refer to IPC/JEDEC J-STD-033 for bake procedure
2. Peak package body temperature:_______________________°C
If blank, see adjacent bar code label
a) Mounted within:___________________hours of factory conditions
≤30°C/60% RH, or
b) Stored per J-STD-033
If blank, see adjacent bar code label
Bag Seal Date:_________________________________________
If blank, see adjacent bar code label
Note: Level and body temperature defined by IPC/JEDEC J-STD-020
This bag contains
MOISTURE-SENSITIVE DEVICES
Caution
If blank, see adjacent
bar code label
3
LEVEL
260
168
22650
22178


Similar Part No. - TSSP57P38TT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP57P38 VISHAY-TSSP57P38 Datasheet
307Kb / 11P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2022
TSSP57P38 VISHAY-TSSP57P38 Datasheet
308Kb / 11P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2023
TSSP57P38 VISHAY-TSSP57P38_V01 Datasheet
307Kb / 11P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2022
TSSP57P38 VISHAY-TSSP57P38_V02 Datasheet
308Kb / 11P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2023
More results

Similar Description - TSSP57P38TT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP77P38 VISHAY-TSSP77P38_18 Datasheet
715Kb / 26P
   IR Detector for Mid Range Proximity Sensor
Rev. 2.1, 09-Oct-2018
TSSP58P38 VISHAY-TSSP58P38_V02 Datasheet
164Kb / 7P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2023
TSSP77P38 VISHAY-TSSP77P38_V02 Datasheet
367Kb / 13P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2023
TSSP58P38 VISHAY-TSSP58P38_V01 Datasheet
164Kb / 7P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2022
TSSP58P38 VISHAY-TSSP58P38 Datasheet
125Kb / 6P
   IR Detector for Mid Range Proximity Sensor
Rev. 1.2, 31-Jan-13
TSSP77P38 VISHAY-TSSP77P38_V01 Datasheet
367Kb / 13P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2022
TSSP77P38 VISHAY-TSSP77P38 Datasheet
586Kb / 26P
   IR Detector for Mid Range Proximity Sensor
Rev. 1.6, 14-Apr-16
TSSP57P38 VISHAY-TSSP57P38_V01 Datasheet
307Kb / 11P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2022
TSSP57P38 VISHAY-TSSP57P38_V02 Datasheet
308Kb / 11P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2023
TSSP6P38 VISHAY-TSSP6P38 Datasheet
627Kb / 26P
   IR Mid Range Proximity Sensor
Rev. 1.8, 14-Apr-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com