Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM43603AQPWPRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM43603AQPWPRQ1
Description  SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM43603AQPWPRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM43603AQPWPRQ1 Datasheet HTML 6Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 7Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 8Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 9Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 10Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 11Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 12Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 13Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
4.00
4.20
4.40
4.60
4.80
5.00
5.20
5.40
5.00
5.20
5.40
5.60
5.80
6.00
6.20
6.40
VIN (V)
0.01A
0.1A
0.5A
1A
1.5A
2A
2.5A
C007
10.8
11.0
11.2
11.4
11.6
11.8
12.0
12.2
12.0
12.5
13.0
13.5
14.0
14.5
VIN (V)
0.1A
0.5A
1A
1.5A
2A
2.5A
3A
C007
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.00 5.20 5.40 5.60 5.80 6.00 6.20 6.40 6.60 6.80 7.00
VIN (V)
0.1A
0.5A
1A
1.5A
2A
2.5A
C007
4.00
4.20
4.40
4.60
4.80
5.00
5.20
5.40
5.00 5.20 5.40 5.60 5.80 6.00 6.20 6.40 6.60 6.80 7.00
VIN (V)
0.1A
0.5A
1A
1.5A
2A
2.5A
C007
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.5
3.7
3.9
4.1
4.3
4.5
VIN (V)
0.1A
0.5A
1A
1.5A
2A
2.5A
C007
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.00
5.20
5.40
5.60
5.80
6.00
6.20
6.40
VIN (V)
0.1A
0.5A
1A
1.5A
2A
2.5A
C007
LM43603-Q1
SNVSA82A – APRIL 2015 – REVISED MAY 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, VIN = 12 V, VOUT = 3.3 V, FS = 500 kHz, L = 6.8 µH. Please refer to Application Performance
Curves for bill of materials for other VOUT and FS combinations.
VOUT = 3.3 V
FS = 500 kHz
VOUT = 5 V
FS = 200 kHz
Figure 13. Dropout Curve
Figure 14. Dropout Curve
VOUT = 5 V
FS = 500 kHz
VOUT = 5 V
FS = 1 MHz
Figure 15. Dropout Curve
Figure 16. Dropout Curve
VOUT = 5 V
FS = 2.2 MHz
VOUT = 12 V
FS = 500 kHz
Figure 17. Dropout Curve
Figure 18. Dropout Curve
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM43603-Q1


Similar Part No. - LM43603AQPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI-LM43603-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603DSUR TI1-LM43603DSUR Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603DSUT TI1-LM43603DSUT Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM43603AQPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR33630 TI1-LMR33630_18 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com