Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCSL20T151DBE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTCSL20T151DBE
Description  PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCSL20T151DBE Datasheet(HTML) 2 Page - Vishay Siliconix

  PTCSL20T151DBE Datasheet HTML 1Page - Vishay Siliconix PTCSL20T151DBE Datasheet HTML 2Page - Vishay Siliconix PTCSL20T151DBE Datasheet HTML 3Page - Vishay Siliconix PTCSL20T151DBE Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PTCSL20 Series
www.vishay.com
Vishay BCcomponents
Revision: 04-Dec-15
2
Document Number: 29012
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC for Tn 100 °C to 120 °C
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC for Tn 70 °C to 90 °C
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC for Tn 130 °C
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC for Tn 140 °C and 150 °C
10
102
103
104
0
50
100
150
200
250
106
105
Tn = 120 °C
1.5 V (DC) max.
Tn = 110 °C
Tn = 100 °C
Temperature (°C)
10
102
103
104
0
50
100
150
200
250
106
105
Tn = 90
°C
1.5 V (DC) max.
Tn = 70
°C
Tn = 80
°C
Temperature (°C)
10
102
103
104
0
50
100
150
200
250
106
105
1.5 V (DC) max.
Tn = 130 °C
Temperature (°C)
10
102
103
104
0
50
100
150
200
250
106
105
Tn = 140 °C
1.5 V (DC) max.
Tn = 150 °C
Temperature (°C)


Similar Part No. - PTCSL20T151DBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCSL VISHAY-PTCSL Datasheet
109Kb / 5P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Oct-12
PTCSL03 VISHAY-PTCSL03 Datasheet
125Kb / 4P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
Revision: 02-Mar-16
PTCSL03 VISHAY-PTCSL03 Datasheet
87Kb / 4P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
01-Jan-2022
PTCSL03T081DB1E VISHAY-PTCSL03T081DB1E Datasheet
125Kb / 4P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
Revision: 02-Mar-16
PTCSL03T081DT1E VISHAY-PTCSL03T081DT1E Datasheet
125Kb / 4P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
Revision: 02-Mar-16
More results

Similar Description - PTCSL20T151DBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCSL03 VISHAY-PTCSL03 Datasheet
125Kb / 4P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
Revision: 02-Mar-16
PTCSL VISHAY-PTCSL Datasheet
109Kb / 5P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Oct-12
PTCSL03 VISHAY-PTCSL03_V01 Datasheet
87Kb / 4P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
01-Jan-2022
PTCSGM3 VISHAY-PTCSGM3 Datasheet
107Kb / 4P
   PTC Thermistors, Lug Sensors for Over-Temperature Protection
Revision: 15-Dec-15
PTCSSLVT VISHAY-PTCSSLVT Datasheet
109Kb / 4P
   PTC Thermistors, Sleeve Type for Over-Temperature Protection
08-Feb-17
PTCSG VISHAY-PTCSG Datasheet
111Kb / 5P
   PTC Thermistors, For Temperature Protection
18-Jul-08
232267191002 VISHAY-232267191002 Datasheet
75Kb / 5P
   PTC Thermistors, For Temperature Protection
Revision: 10-Oct-03
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
logo
Vishay Siliconix
PTCSC17 VISHAY-PTCSC17 Datasheet
90Kb / 4P
   Mini Chips for Over-Temperature Protection
Revision: 08-Dec-15
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
   Radial Leaded PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com