Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSE30U Datasheet(PDF) 2 Page - StarHope

Part # TSE30U
Description  TSE(3600W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSE30U Datasheet(HTML) 2 Page - StarHope

  TSE30U Datasheet HTML 1Page - StarHope TSE30U Datasheet HTML 2Page - StarHope TSE30U Datasheet HTML 3Page - StarHope TSE30U Datasheet HTML 4Page - StarHope TSE30U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 2 of 5
Dimensions (DO-214AB)
TSE(3600W) Series
Electrical Characteristics
DO-214AB(SMC J-Bend)
TSE6.0U
TSE8.0U
TSE12U
TSE15U
TSE16U
TSE20U
TSE22U
TSE26U
TSE28U
TSE30U
TSE33U
TSE36U
TSE40U
TSE58U
TSE60U
T S E
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
VRWM(V)
VBR(V)Min.
VBR(V)Max.
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
IR(μA)
UNI-Polar
UNI
BI-Polar
BI
RDG
PDR
PEE
PEM
PEP
PEV
PEX
PFE
PFG
PFK
PFM
PFP
PFR
PGG
PGK
DDG
DDR
DEE
DEM
DEP
DEV
DEX
DFE
DFG
DFK
DFM
DFP
DFR
DGG
DGK
6.0
8.0
12.0
15.0
16.0
20.0
22.0
26.0
28.0
30.0
33.0
36.0
40.0
58.0
60.0
6.67
8.89
13.30
16.70
17.80
22.20
24.40
28.90
31.10
33.30
36.70
40.00
44.40
64.40
66.70
7.37
9.83
14.70
18.50
19.70
24.50
26.90
31.90
34.40
36.80
40.60
44.20
49.10
71.20
73.70
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.3
13.6
19.9
24.4
26.0
32.4
35.5
42.1
45.4
48.4
53.3
58.1
64.5
93.6
96.8
349.5
264.7
180.9
147.5
138.5
111.1
101.4
85.5
79.3
74.4
67.5
62.0
55.7
38.5
37.2
200
50
1
1
1
1
1
1
1
1
1
1
1
1
1
Breakdown
Voltage
@IT
TSE6.0B
TSE8.0B
TSE12B
TSE15B
TSE16B
TSE20B
TSE22B
TSE26B
TSE28B
TSE30B
TSE33B
TSE36B
TSE40B
TSE58B
TSE60B
For bidirectional type having VWRM of 10 volts and less, the IR limit is double.
0.126 3.20
()
0.112 2.85
()
0.280(7.11)
0.260(6.60)
0.245(6.22)
0.220(5.60)
Cathode Band
0.118(3.00)
0.081(2.06)
0.329 8.35
()
0.305 7.75
()
0.067 1.70
()
0.030 0.76
()
Dimensions in inches and(millimeters)
0.012 0.305
()
0.006 0.152
()
0.012(0.3)MAX.
..
.
REV 2016 08 10


Similar Part No. - TSE30U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSE3 ETC1-TSE3 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
More results

Similar Description - TSE30U

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SM5S LEIDITECH-SM5S Datasheet
1Mb / 6P
   3600W Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SM5MXXT-C SECOS-SM5MXXT-C Datasheet
441Kb / 3P
   3600W Transient Voltage Suppressors Family
logo
Diodes Incorporated
DM5W10AQ DIODES-DM5W10AQ Datasheet
579Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
logo
Tripp Lite. All Rights ...
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
   PowerVerter APS INT 3600W 36VDC 230V
logo
Diodes Incorporated
DM5W10A DIODES-DM5W10A Datasheet
862Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 5 - 2
DM5W27Q DIODES-DM5W27Q Datasheet
549Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
logo
Bel Fuse Inc.
PFE3600-12-069RA BEL-PFE3600-12-069RA Datasheet
2Mb / 26P
   3600W AC-DC FRONT-END POWER SUPPLY
logo
Taiwan Semiconductor Co...
TLD5S10AH TSC-TLD5S10AH Datasheet
353Kb / 5P
   3600W, 10V ??43V Surface Mount Transient Voltage Suppressor
logo
UN Semiconducctor INC
SM5Z UNSEMI-SM5Z Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressors 14 To36 V 3600W
Revision March 1,2022
logo
Molex Electronics Ltd.
38969-0002 MOLEX-38969-0002 Datasheet
152Kb / 2P
   TSE Single-Row Tri-Barrier Terminal Strip PC Tail Terminal Style
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com