Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCTT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PTCTT
Description  TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCTT Datasheet(HTML) 3 Page - Vishay Siliconix

  PTCTT Datasheet HTML 1Page - Vishay Siliconix PTCTT Datasheet HTML 2Page - Vishay Siliconix PTCTT Datasheet HTML 3Page - Vishay Siliconix PTCTT Datasheet HTML 4Page - Vishay Siliconix PTCTT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PTCTT Series
www.vishay.com
Vishay BCcomponents
Revision:03-Mar-14
3
Document Number: 29088
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING
Tape specifications
All tape and reel specifications are in accordance with IEC 60286-3. Carrier tape material is non-conductive polystyrene or
polycarbonate.
REEL SPECIFICATIONS in millimeters
Note
• Reels are packed in sealed plastic bags for protection against high humidity and corrosive atmospheres
DIMENSIONS OF BLISTER TAPE in millimeters
SMALL PITCH
LARGE PITCH
SMALL PITCH
LARGE PITCH
A0
7.2 ± 0.1
8.4 ± 0.1
D1
1.5 + 0.1
1.5 + 0.1
B0
9.3 ± 0.1
9.3 ± 0.1
P0
4.0 ± 0.1
4.0 ± 0.1
K0
7.2 ± 0.1
7.2 ± 0.1
P1
12.0 ± 0.1
12.0 ± 0.1
W
16.0 ± 0.3
16.0 ± 0.3
P2
2.0 ± 0.1
2.0 ± 0.1
E
1.75 ± 0.1
1.75 ± 0.1
T
0.5 ± 0.05
0.5 ± 0.05
F
7.5 ± 0.1
7.5 ± 0.1
T1
0.05
0.05
D0
1.5 + 0.1
1.5 + 0.1
T2
7.8 max.
7.8 max.
REEL DIMENSIONS in millimeters
UNITS PER REEL
TAPE WIDTH
A
N
W1
W2 MAX.
1000
16
380
64
16.4
20.4
direction of unreeling
D
1
P
1
A
0
D
0
P
2
P
0
B
0
W
F
E
K
0
T
T
1
T
2
cover
tape
BCXXX
YYWW
Blister tape
Cumulative pitch error: 0.2 mm over 10 pitches
Cumulative tolerance over 10 holes: ± 0.2 mm
12.75 +0.15
0
20.5
N A
W1
W2
Reel


Similar Part No. - PTCTT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCTT VISHAY-PTCTT Datasheet
121Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
01-Jan-2022
PTCTT VISHAY-PTCTT_V01 Datasheet
121Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
01-Jan-2022
More results

Similar Description - PTCTT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCTT VISHAY-PTCTT_V01 Datasheet
121Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
01-Jan-2022
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Nov-15
PTCTZ VISHAY-PTCTZ_V01 Datasheet
80Kb / 3P
   SMD PTC Thermistors For Overload Protection
01-Jan-2022
238166197 VISHAY-238166197 Datasheet
96Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Oct-09
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
232266093034 VISHAY-232266093034 Datasheet
52Kb / 2P
   PTC Thermistors, Overload Protection For Instrumentation
Revision: 10-Oct-03
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com