Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD20U Datasheet(PDF) 4 Page - StarHope

Part # TSD20U
Description  TSD(1800W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSD20U Datasheet(HTML) 4 Page - StarHope

  TSD20U Datasheet HTML 1Page - StarHope TSD20U Datasheet HTML 2Page - StarHope TSD20U Datasheet HTML 3Page - StarHope TSD20U Datasheet HTML 4Page - StarHope TSD20U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 4 of 5
TSD(1800W) Series
Ratings And Characteristic Curves
Fig.5 Typ.Transient Thermal Impedance
Fig.6 Maximum Non-Repetitive Peak
Forward Surge Current Uni-Directional Only
Recommended Soldering Conditions
Recommended Conditions
Reflow Soldering
ts
tP
tL
Time
25
time to peak temperature
(t 25℃ to peak)
Ts(min)
Ts(max)
TL
TP
Preheat
Ramp-down
Ramp-up
Critical Zone
TL to TP
Re”ow Condition
Pb-Free assembly
(see Fig.1)
Pre Heat
-Temperature Min(T s(min))
-Temperature Max(T s(max))
-Time(Min to Max)(t s)
Average ramp up rate
(Liquidus Temp(TL) to peak)
Ts(max) to TL -Ramp-up Rate
Re”ow
-Temperature(TL)(Liquidus)
-Temperature(tL)
Peak Temp(TP)
Time within 5℃ of actual Peak Temp(tP)
Ramp-down Rate
Time 25℃ to Peak Temp(TP)
Do not exceed
+150℃
+200℃
60-180secs
3℃/sec.Max.
3℃/sec.Max.
+217℃
60-150secs
+260(+0/-5)℃
30 secs.Max.
6℃/sec.Max.
8 min.Max.
+260℃
0.001
0.1
0.1
1
1000
10
1.0
10
100
tp-Pulse Duration(sec)
0.01
100
Marking Code
Cathode Band
GDG
****
Marking Code
Logo
Dat
e Code
BDG
****
Marking Code
Logo
Dat
e Code
1
10
10
100
100
200
Number of Cycles at 60HZ
8.3mS single half sine-wave
(JEDEC Method)
TJ=TJ max.
..
.
REV 2016 08 10


Similar Part No. - TSD20U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD20 ETC1-TSD20 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSD2098A TSC-TSD2098A Datasheet
199Kb / 4P
   Low Vcesat NPN Transistor
TSD2098ACYRM TSC-TSD2098ACYRM Datasheet
199Kb / 4P
   Low Vcesat NPN Transistor
TSD20H100CW TSC-TSD20H100CW Datasheet
255Kb / 5P
   Trench Schottky Rectifier
TSD20H120CW TSC-TSD20H120CW Datasheet
255Kb / 5P
   Trench Schottky Rectifier
More results

Similar Description - TSD20U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
LC1800 TRIPPLITE-LC1800 Datasheet
499Kb / 3P
   1800W 120V Power Conditioner
logo
PHOENIX CONTACT
1212597 PHOENIX-1212597 Datasheet
52Kb / 2P
   Torque screwdriver - TSD 08 SAC
1208429 PHOENIX-1208429 Datasheet
53Kb / 3P
   Torque screwdriver - TSD 04 SAC
logo
First Silicon Co., Ltd
FTVS0871P FS-FTVS0871P Datasheet
349Kb / 4P
   1800W peak pulse power (8/20μs)
2021. 10. 01 Revision No : 0
logo
PHOENIX CONTACT
1208487 PHOENIX-1208487 Datasheet
52Kb / 3P
   Torque screwdriver - TSD 02 SAC
1212226 PHOENIX-1212226 Datasheet
59Kb / 3P
   Torque screwdriver - TSD-M 6NM
1212315 PHOENIX-1212315 Datasheet
48Kb / 3P
   Torque screwdriver - TSD 25 SAC
logo
Diodes Incorporated
D28V0H1U2P5Q DIODES-D28V0H1U2P5Q Datasheet
474Kb / 5P
   1800W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PHOENIX CONTACT
1212020 PHOENIX-1212020 Datasheet
49Kb / 3P
   Torque screwdriver - TSD 20 SAC
1212224 PHOENIX-1212224 Datasheet
58Kb / 3P
   Torque screwdriver - TSD-M 1,2NM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com