Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSE15U Datasheet(PDF) 3 Page - StarHope

Part # TSE15U
Description  TSE(3600W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSE15U Datasheet(HTML) 3 Page - StarHope

  TSE15U Datasheet HTML 1Page - StarHope TSE15U Datasheet HTML 2Page - StarHope TSE15U Datasheet HTML 3Page - StarHope TSE15U Datasheet HTML 4Page - StarHope TSE15U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 3 of 5
TSE(3600W) Series
Ratings And Characteristic Curves(TA=25℃ Unless otherwise noted)
Fig.1 Peak Pulse Power Rating
Fig.2 Pulse Derating Cruve
I-V Curve Characteristics
Uni-directional
Bi-directional
IPP
IR
IT
VC VBR VRWM
IPP
IR
IT
VC
VBR
VRWM
V
IPP
IR
IT
VC VBR VRWM
VF
V
Fig.3 Pulse Waveform
Fig.4 Typical Junction Capacitance
0
0
1.0
2.0
4.0
3.0
10/1000
μsec.Waveform
as defined by R.E.A
Half Value
IPPM
2
tr=10uS
Peak Value
IPPM
TJ=25℃
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
td
0
25
50
75
100 125 150 175 200
0
25
50
75
100
TA-Ambient Temperature(℃)
0.31×0.31"(8.0×8.0mm)
Copper Pad Areas
0.1
μs
10
μs
10ms
0.1
10
100
td - Pulse Width (sec.)
1
1.0
μs
100
μs 1.0ms
1
10
100
10
100
1000
VWM-Reverse Stand-off Voltage(V)
500
TJ=25℃
f=1.0MHZ
Vsig=50mVp-p
Uni-Directional
Bi-Directional
10000
VR=0
VR=Rated
Stand-Off
Voltage
Non-repetitive pulse
waveform shown in
Fig.3 TA = 25°C
..
.
REV 2016 08 10


Similar Part No. - TSE15U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSE15 ETC1-TSE15 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Adam Technologies, Inc.
TSE15A ADAM-TECH-TSE15A Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
TSE15B ADAM-TECH-TSE15B Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
TSE15H ADAM-TECH-TSE15H Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
TSE15J ADAM-TECH-TSE15J Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
More results

Similar Description - TSE15U

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SM5S LEIDITECH-SM5S Datasheet
1Mb / 6P
   3600W Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SM5MXXT-C SECOS-SM5MXXT-C Datasheet
441Kb / 3P
   3600W Transient Voltage Suppressors Family
logo
Diodes Incorporated
DM5W10AQ DIODES-DM5W10AQ Datasheet
579Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
logo
Tripp Lite. All Rights ...
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
   PowerVerter APS INT 3600W 36VDC 230V
logo
Diodes Incorporated
DM5W10A DIODES-DM5W10A Datasheet
862Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 5 - 2
DM5W27Q DIODES-DM5W27Q Datasheet
549Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
logo
Bel Fuse Inc.
PFE3600-12-069RA BEL-PFE3600-12-069RA Datasheet
2Mb / 26P
   3600W AC-DC FRONT-END POWER SUPPLY
logo
Taiwan Semiconductor Co...
TLD5S10AH TSC-TLD5S10AH Datasheet
353Kb / 5P
   3600W, 10V ??43V Surface Mount Transient Voltage Suppressor
logo
UN Semiconducctor INC
SM5Z UNSEMI-SM5Z Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressors 14 To36 V 3600W
Revision March 1,2022
logo
Molex Electronics Ltd.
38969-0002 MOLEX-38969-0002 Datasheet
152Kb / 2P
   TSE Single-Row Tri-Barrier Terminal Strip PC Tail Terminal Style
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com