Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD15U Datasheet(PDF) 5 Page - StarHope

Part # TSD15U
Description  TSD(1800W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSD15U Datasheet(HTML) 5 Page - StarHope

  TSD15U Datasheet HTML 1Page - StarHope TSD15U Datasheet HTML 2Page - StarHope TSD15U Datasheet HTML 3Page - StarHope TSD15U Datasheet HTML 4Page - StarHope TSD15U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 5 of 5
TSD(1800W) Series
Packing Options And Reel Specification-DO-214AB
0.157
(4.0)
0.63
(16.0)
0.315
(8.0)
0.65
(16.4)
Symbol
Ea Per Reel
REEL DIA
(mm)
Industry Standard
TSD***
500
178
EIA RS-481
7. 0(178)
..
.
REV 2016 08 10


Similar Part No. - TSD15U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD15 ETC1-TSD15 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
FENGJUI TECHNOLOGY CO.,...
TSD150 FENGJUI-TSD150 Datasheet
299Kb / 4P
   SMD POWER INDUCTOR-RoHS
TSD151 FENGJUI-TSD151 Datasheet
299Kb / 4P
   SMD POWER INDUCTOR-RoHS
TSD152 FENGJUI-TSD152 Datasheet
299Kb / 4P
   SMD POWER INDUCTOR-RoHS
More results

Similar Description - TSD15U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
LC1800 TRIPPLITE-LC1800 Datasheet
499Kb / 3P
   1800W 120V Power Conditioner
logo
PHOENIX CONTACT
1212597 PHOENIX-1212597 Datasheet
52Kb / 2P
   Torque screwdriver - TSD 08 SAC
1208429 PHOENIX-1208429 Datasheet
53Kb / 3P
   Torque screwdriver - TSD 04 SAC
logo
First Silicon Co., Ltd
FTVS0871P FS-FTVS0871P Datasheet
349Kb / 4P
   1800W peak pulse power (8/20μs)
2021. 10. 01 Revision No : 0
logo
PHOENIX CONTACT
1208487 PHOENIX-1208487 Datasheet
52Kb / 3P
   Torque screwdriver - TSD 02 SAC
1212226 PHOENIX-1212226 Datasheet
59Kb / 3P
   Torque screwdriver - TSD-M 6NM
1212315 PHOENIX-1212315 Datasheet
48Kb / 3P
   Torque screwdriver - TSD 25 SAC
logo
Diodes Incorporated
D28V0H1U2P5Q DIODES-D28V0H1U2P5Q Datasheet
474Kb / 5P
   1800W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PHOENIX CONTACT
1212020 PHOENIX-1212020 Datasheet
49Kb / 3P
   Torque screwdriver - TSD 20 SAC
1212224 PHOENIX-1212224 Datasheet
58Kb / 3P
   Torque screwdriver - TSD-M 1,2NM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com