Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSE8.0U Datasheet(PDF) 4 Page - StarHope

Part # TSE8.0U
Description  TSE(3600W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSE8.0U Datasheet(HTML) 4 Page - StarHope

  TSE8.0U Datasheet HTML 1Page - StarHope TSE8.0U Datasheet HTML 2Page - StarHope TSE8.0U Datasheet HTML 3Page - StarHope TSE8.0U Datasheet HTML 4Page - StarHope TSE8.0U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 4 of 5
TSE(3600W) Series
Ratings And Characteristic Curves
Fig.5 Typ.Transient Thermal Impedance
Fig.6 Maximum Non-Repetitive Peak
Forward Surge Current Uni-Directional Only
Recommended Soldering Conditions
Recommended Conditions
Reflow Soldering
ts
tP
tL
Time
25
time to peak temperature
(t 25℃ to peak)
Ts(min)
Ts(max)
TL
TP
Preheat
Ramp-down
Ramp-up
Critical Zone
TL to TP
Re”ow Condition
Pb-Free assembly
(see Fig.1)
Pre Heat
-Temperature Min(T s(min))
-Temperature Max(T s(max))
-Time(Min to Max)(t s)
Average ramp up rate
(Liquidus Temp(TL) to peak)
Ts(max) to TL -Ramp-up Rate
Re”ow
-Temperature(TL)(Liquidus)
-Temperature(tL)
Peak Temp(TP)
Time within 5℃ of actual Peak Temp(tP)
Ramp-down Rate
Time 25℃ to Peak Temp(TP)
Do not exceed
+150℃
+200℃
60-180secs
3℃/sec.Max.
3℃/sec.Max.
+217℃
60-150secs
+260(+0/-5)℃
30 secs.Max.
6℃/sec.Max.
8 min.Max.
+260℃
0.001
0.1
0.1
1
1000
10
1.0
10
100
tp-Pulse Duration(sec)
0.01
100
Marking Code
Cathode Band
RDG
****
Marking Code
Logo
Dat
e Code
DDG
****
Marking Code
Logo
Dat
e Code
1
100
10
100
250
300
Number of Cycles at 60HZ
8.3mS single half sine-wave
(JEDEC Method)
150
200
..
.
REV 2016 08 10


Similar Part No. - TSE8.0U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSE8 ETC1-TSE8 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
More results

Similar Description - TSE8.0U

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SM5S LEIDITECH-SM5S Datasheet
1Mb / 6P
   3600W Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SM5MXXT-C SECOS-SM5MXXT-C Datasheet
441Kb / 3P
   3600W Transient Voltage Suppressors Family
logo
Diodes Incorporated
DM5W10AQ DIODES-DM5W10AQ Datasheet
579Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
logo
Tripp Lite. All Rights ...
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
   PowerVerter APS INT 3600W 36VDC 230V
logo
Diodes Incorporated
DM5W10A DIODES-DM5W10A Datasheet
862Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 5 - 2
DM5W27Q DIODES-DM5W27Q Datasheet
549Kb / 6P
   3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
logo
Bel Fuse Inc.
PFE3600-12-069RA BEL-PFE3600-12-069RA Datasheet
2Mb / 26P
   3600W AC-DC FRONT-END POWER SUPPLY
logo
Taiwan Semiconductor Co...
TLD5S10AH TSC-TLD5S10AH Datasheet
353Kb / 5P
   3600W, 10V ??43V Surface Mount Transient Voltage Suppressor
logo
UN Semiconducctor INC
SM5Z UNSEMI-SM5Z Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressors 14 To36 V 3600W
Revision March 1,2022
logo
Molex Electronics Ltd.
38969-0002 MOLEX-38969-0002 Datasheet
152Kb / 2P
   TSE Single-Row Tri-Barrier Terminal Strip PC Tail Terminal Style
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com