Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ58A Datasheet(PDF) 3 Page - StarHope

Part # SMCJ58A
Description  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMCJ58A Datasheet(HTML) 3 Page - StarHope

  SMCJ58A Datasheet HTML 1Page - StarHope SMCJ58A Datasheet HTML 2Page - StarHope SMCJ58A Datasheet HTML 3Page - StarHope SMCJ58A Datasheet HTML 4Page - StarHope SMCJ58A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 3 of 5
SMCJ30A
SMCJ33A
SMCJ36A
SMCJ40A
SMCJ43A
SMCJ45A
SMCJ48A
SMCJ51A
SMCJ54A
SMCJ58A
SMCJ60A
SMCJ64A
SMCJ70A
SMCJ75A
SMCJ78A
SMCJ85A
SMCJ90A
SMCJ100A
SMCJ110A
SMCJ120A
SMCJ130A
SMCJ150A
SMCJ160A
SMCJ170A
SMCJ180A
SMCJ200A
SMCJ220A
SMCJ250A
SMCJ300A
SMCJ350A
SMCJ400A
SMCJ440A
SMCJ
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
UNI
BI-Polar
BI
GFK
GFM
GFP
GFR
GFT
GFV
GFX
GFZ
GGE
GGG
GGK
GGM
GGP
GGR
GGT
GGV
GGX
GGZ
GHE
GHG
GHK
GHM
GHP
GHR
GHT
GHV
GHX
GHZ
GJE
GJG
GJK
GJM
30.0
33.0
36.0
40.0
43.0
45.0
48.0
51.0
54.0
58.0
60.0
64.0
70.0
75.0
78.0
85.0
90.0
100.0
110.0
120.0
130.0
150.0
160.0
170.0
180.0
200.0
220.0
250.0
300.0
350.0
400.0
440.0
33.30
36.70
40.00
44.40
47.80
50.00
53.30
56.70
60.00
64.40
66.70
71.10
77.80
83.30
86.70
94.40
100.00
111.00
122.00
133.00
144.00
167.00
178.00
189.00
201.00
224.00
246.00
279.00
335.00
391.00
447.00
492.00
36.80
40.60
44.20
49.10
52.80
55.30
58.90
62.70
66.30
71.20
73.70
78.60
86.00
92.10
95.80
104.00
111.00
123.00
135.00
147.00
159.00
185.00
197.00
209.00
222.00
247.00
272.00
309.00
371.00
432.00
494.00
543.00
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
48.4
53.3
58.1
64.5
69.4
72.7
77.4
82.4
87.1
93.6
96.8
103.0
113.0
121.0
126.0
137.0
146.0
162.0
177.0
193.0
209.0
243.0
259.0
275.0
292.0
324.0
356.0
405.0
486.0
567.0
648.0
713.0
31.0
28.2
25.9
23.3
21.7
20.6
19.4
18.2
17.3
16.1
15.5
14.6
13.3
12.4
11.9
11.0
10.3
9.3
8.5
7.8
7.2
6.2
5.8
5.5
5.1
4.6
4.2
3.7
3.1
2.6
2.3
2.1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
SMCJ30CA
SMCJ33CA
SMCJ36CA
SMCJ40CA
SMCJ43CA
SMCJ45CA
SMCJ48CA
SMCJ51CA
SMCJ54CA
SMCJ58CA
SMCJ60CA
SMCJ64CA
SMCJ70CA
SMCJ75CA
SMCJ78CA
SMCJ85CA
SMCJ90CA
SMCJ100CA
SMCJ110CA
SMCJ120CA
SMCJ130CA
SMCJ150CA
SMCJ160CA
SMCJ170CA
SMCJ180CA
SMCJ200CA
SMCJ220CA
SMCJ250CA
SMCJ300CA
SMCJ350CA
SMCJ400CA
SMCJ440CA
BFK
BFM
BFP
BFR
BFT
BFV
BFX
BFZ
BGE
BGG
BGK
BGM
BGP
BGR
BGT
BGV
BGX
BGZ
BHE
BHG
BHK
BHM
BHP
BHR
BHT
BHV
BHX
BHZ
BJE
BJG
BJK
BJM
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
*
*
*
*
*
*
SMCJ(1500W) Series
REV 2016 08 10
μ


Similar Part No. - SMCJ58A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ58A MCC-SMCJ58A Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
SAMYANG ELECTRONICS CO....
SMCJ58A SAMYANG-SMCJ58A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Dc Components
SMCJ58A DCCOM-SMCJ58A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ58A VISHAY-SMCJ58A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMCJ58A VISHAY-SMCJ58A Datasheet
98Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Mar-12
More results

Similar Description - SMCJ58A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-TECB SPSEMI-TVS-TECB Datasheet
162Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
StarHope
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com