Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB15U Datasheet(PDF) 3 Page - StarHope

Part # TSB15U
Description  TSB(480W) Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSB15U Datasheet(HTML) 3 Page - StarHope

  TSB15U Datasheet HTML 1Page - StarHope TSB15U Datasheet HTML 2Page - StarHope TSB15U Datasheet HTML 3Page - StarHope TSB15U Datasheet HTML 4Page - StarHope TSB15U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 3 of 5
TSB(480W) Series
Ratings And Characteristic Curves
Fig.1 Peak Pulse Power Rating
Fig.2 Pulse Derating Cruve
I-V Curve Characteristics
Uni-directional
Bi-directional
IPP
IR
IT
VC VBR VRWM
IPP
IR
IT
VC
VBR
VRWM
V
IPP
IR
IT
VC VBR VRWM
VF
V
Fig.3 Pulse Waveform
Fig.4 Typical Junction Capacitance
0
0
1.0
2.0
4.0
3.0
10/1000
μsec.Waveform
as defined by R.E.A
Half Value
IPPM
2
tr=10uS
Peak Value
IPPM
TJ=25℃
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
td
0
25
50
75
100 125 150 175 200
0
25
50
75
100
TA-Ambient Temperature(℃)
0.2×0.2"(5.0×5.0mm)
Copper Pad Areas
1
10
100
10
100
1000
10000
VWM-Reverse Stand-off Voltage(V)
Bi-Directional
Uni-Directional
TJ=25℃
f=1.0MHZ
Vsig=50mVp-p
Measured at
Stand-off
Voltage,VWM
200
0.1
μs
10
μs
10ms
0.1
10
100
td - Pulse Width (sec.)
Non-repetitive pulse
waveform shown in
Fig.3 TA = 25°C
1
1.0
μs
100
μs 1.0ms
REV 2017
..03 01
.


Similar Part No. - TSB15U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSB15 ETC1-TSB15 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSB1590 TSC-TSB1590 Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
TSB1590 TSC-TSB1590 Datasheet
271Kb / 4P
   Low Vcesat PNP Transistor
TSB1590CX TSC-TSB1590CX Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
TSB1590CXRF TSC-TSB1590CXRF Datasheet
271Kb / 4P
   Low Vcesat PNP Transistor
More results

Similar Description - TSB15U

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSB LITTELFUSE-TSB Datasheet
563Kb / 2P
   Time Delay Relays / TSB SERIES
2019 Rev: 121119
logo
Lapp.
19114000 LAPP-19114000 Datasheet
128Kb / 2P
   EPIC® H-B 24 TSB
17.09.2018
logo
Inventronics Inc.
DS-ESD-480SXXXDT INVENTRONICS-DS-ESD-480SXXXDT Datasheet
880Kb / 14P
   480W Programmable IP67 Driver
Rev. D
logo
ETA-USA
AOFD480 ETA-USA-AOFD480 Datasheet
1Mb / 2P
   480W Din Rail Mount
logo
Inventronics Inc.
DS-ESD-480SXXXDV INVENTRONICS-DS-ESD-480SXXXDV Datasheet
711Kb / 13P
   480W Programmable IP67 Driver
Rev. B
logo
Weidmuller
2838490000 WEIDMULLER-2838490000 Datasheet
745Kb / 5P
   PRO BAS 480W 48V 10A
logo
PHOENIX CONTACT
107888 PHOENIX-107888 Datasheet
815Kb / 28P
   UNO2-PS/1AC/24DC/480W
2020-02-14
logo
Weidmuller
2838480000 WEIDMULLER-2838480000 Datasheet
744Kb / 5P
   PRO BAS 480W 24V 20A
logo
PULS GmbH
CP20.241 PULS-CP20.241_18 Datasheet
1Mb / 32P
   24V, 20A, 480W, SINGLE PHASE
CP20.241-R1 PULS-CP20.241-R1_18 Datasheet
840Kb / 33P
   24V, 20A, 480W, SINGLE PHASE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com