Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ16A Datasheet(PDF) 2 Page - StarHope

Part # SMDJ16A
Description  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMDJ16A Datasheet(HTML) 2 Page - StarHope

  SMDJ16A Datasheet HTML 1Page - StarHope SMDJ16A Datasheet HTML 2Page - StarHope SMDJ16A Datasheet HTML 3Page - StarHope SMDJ16A Datasheet HTML 4Page - StarHope SMDJ16A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 2 of 5
Dimensions (DO-214AB)
SMDJ5.0A
SMDJ6.0A
SMDJ6.5A
SMDJ7.0A
SMDJ7.5A
SMDJ8.0A
SMDJ8.5A
SMDJ9.0A
SMDJ10A
SMDJ11A
SMDJ12A
SMDJ13A
SMDJ14A
SMDJ15A
SMDJ16A
SMDJ17A
SMDJ18A
SMDJ20A
SMDJ22A
SMDJ24A
SMDJ26A
SMDJ28A
SMDJ
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
UNI
BI-Polar
BI
*
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
SMDJ5.0CA
SMDJ6.0CA
SMDJ6.5CA
SMDJ7.0CA
SMDJ7.5CA
SMDJ8.0CA
SMDJ8.5CA
SMDJ9.0CA
SMDJ10CA
SMDJ11CA
SMDJ12CA
SMDJ13CA
SMDJ14CA
SMDJ15CA
SMDJ16CA
SMDJ17CA
SMDJ18CA
SMDJ20CA
SMDJ22CA
SMDJ24CA
SMDJ26CA
SMDJ28CA
RDE
RDG
RDK
PDM
PDP
PDR
PDT
PDV
PDX
PDZ
PEE
PEG
PEK
PEM
PEP
PER
PET
PEV
PEX
PEZ
PFE
PFG
DDE
DDG
DDK
DDM
DDP
DDR
DDT
DDV
DDX
DDZ
DEE
DEG
DEK
DEM
DEP
DER
DET
DEV
DEX
DEZ
DFE
DFG
5.0
6.0
6.5
7.0
7.5
8.0
8.5
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
20.0
22.0
24.0
26.0
28.0
6.40
6.67
7.22
7.78
8.33
8.89
9.44
10.00
11.10
12.20
13.30
14.40
15.60
16.70
17.80
18.90
20.00
22.20
24.40
26.70
28.90
31.10
7.00
7.37
7.98
8.60
9.21
9.83
10.40
11.10
12.30
13.50
14.70
15.90
17.20
18.50
19.70
20.90
22.10
24.50
26.90
29.50
31.90
34.40
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
9.2
10.3
11.2
12.0
12.9
13.6
14.4
15.4
17.0
18.2
19.9
21.5
23.2
24.4
26.0
27.6
29.2
32.4
35.5
38.9
42.1
45.4
326.1
291.3
267.9
250.0
232.6
220.6
208.3
194.8
176.5
164.8
150.8
139.5
129.3
123.0
115.4
108.7
102.7
92.6
84.5
77.1
71.3
66.1
800
800
500
200
100
50
20
10
5
2
2
2
2
2
2
2
2
2
2
2
2
2
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
DO-214AB(SMC J-Bend)
*
*
SMDJ(3000W) Series
μ
0.126 3.20
()
0.112 2.85
()
0.280(7.11)
0.260(6.60)
0.245(6.22)
0.220(5.60)
Cathode Band
0.118(3.00)
0.081(2.06)
0.329 8.35
()
0.305 7.75
()
0.067 1.70
()
0.030 0.76
()
Dimensions in inches and(millimeters)
0.012 0.305
()
0.006 0.152
()
0.012(0.3)MAX.
REV 2016 08 10


Similar Part No. - SMDJ16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ16A ETC1-SMDJ16A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Thinki Semiconductor Co...
SMDJ16A THINKISEMI-SMDJ16A Datasheet
882Kb / 4P
   ThinkiSemi 3KW,10V-100V Surface Mount Transient Voltage Suppressors
logo
Nanjing International G...
SMDJ16A DGNJDZ-SMDJ16A Datasheet
102Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Juxing Electr...
SMDJ16A JUXING-SMDJ16A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
MDE Semiconductor, Inc.
SMDJ16A MDE-SMDJ16A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMDJ16A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
TVS-TECC SPSEMI-TVS-TECC Datasheet
148Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 170 Volts 1000 Watt Peak Pulse Power
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P2SMSJ YEASHIN-P2SMSJ Datasheet
745Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 170 Volts 200 Watt Peak Power Pulse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com