Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TECA36A Datasheet(PDF) 1 Page - StarHope

Part # TECA36A
Description  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TECA36A Datasheet(HTML) 1 Page - StarHope

  TECA36A Datasheet HTML 1Page - StarHope TECA36A Datasheet HTML 2Page - StarHope TECA36A Datasheet HTML 3Page - StarHope TECA36A Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPSEMI
REV 2017
.
.03 01
.
www.spsemi.cn
Page 1 of 4
Surface Mount Transient Voltage Suppressor
Stand-Off Voltage - 6.0 to 440 Volts
400 Watt Peak Pulse Power
Features
For surface mounted applications in order to optimize board space
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Excellent clamping capability
Repetition Rate (duty cycle):0.01%
Fast response time: typically less than 1.0ps from 0 Volts to V(BR)
for unidirectional types
Typical IR less than 1µA above 10V
High Temperature solderting: 260°C/10 seconds at terminals
Plastic package has Underwriters Laboratory Flammability 94V-O
Pb-free plated
TECA(400W) Series
Mechanical Data
Devices For Bipolar Application
For Bidirectional use C or CA Suffix for types TECA6.0 thru types TECA440 (e.g. TECA6.0C , TECA440CA)
Electrical characteristics apply in both directions
Maximum Ratings And Characteristics
Ratings at 25
ambient temperature unless otherwise specified.
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25
per Fig. 2 .
2.Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Peak Pulse Power Dissipation on 10/1000µs waveform
(Note 1,2 ,FIG.1)
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note2,3)
Operating junction and Storage Temperature Range
RATING
SYMBOL
VALUE
UNITS
PPPM
IPPM
IFSM
T, T
JSTG
Minimum
400
SEE
TABLE 1
-55 to
+150
20
Watts
Amps
Amps
Case: JEDEC SOD-123FL molded plastic over passivated chip
Terminals: Solder plated, solderable per MIL-STD-750 Method 2026
Polarity: For uni-directional types the bandby laser denotes the cathode, which is positive with respect to
the anode under normal TVS operation


Similar Part No. - TECA36A

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
TECA1-5V5V-NT ANALOGTECHNOLOGIES-TECA1-5V5V-NT Datasheet
415Kb / 10P
   High Efficiency TEC Controller
4/28/2022
TECA1-5V5V-NT ANALOGTECHNOLOGIES-TECA1-5V5V-NT Datasheet
429Kb / 9P
   High Efficiency TEC Controller
4/28/2022
TECA1-5V5V-NT ANALOGTECHNOLOGIES-TECA1-5V5V-NT Datasheet
892Kb / 11P
   High Efficiency TEC Controller
5/3/2022
TECA1-5V5V-NT ANALOGTECHNOLOGIES-TECA1-5V5V-NT Datasheet
821Kb / 9P
   High Efficiency TEC Controller
4/28/2022
TECA1-5V5V-NT ANALOGTECHNOLOGIES-TECA1-5V5V-NT Datasheet
427Kb / 7P
   High Efficiency TEC Controller
1/29/2022
More results

Similar Description - TECA36A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-TECB SPSEMI-TVS-TECB Datasheet
162Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-TECC SPSEMI-TVS-TECC Datasheet
148Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 170 Volts 1000 Watt Peak Pulse Power
TVS-TECD SPSEMI-TVS-TECD Datasheet
131Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 60 Volts 2000 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com