Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KPA108A Datasheet(PDF) 2 Page - StarHope

Part # 30KPA108A
Description  Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

30KPA108A Datasheet(HTML) 2 Page - StarHope

  30KPA108A Datasheet HTML 1Page - StarHope 30KPA108A Datasheet HTML 2Page - StarHope 30KPA108A Datasheet HTML 3Page - StarHope 30KPA108A Datasheet HTML 4Page - StarHope 30KPA108A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPSEMI
www.spsemi.cn
Page 2 of 5
Dimensions
Case Style P600
Dimensions in inches and(millimeters)
1.0 25.4
()
MIN.
0.360 9 1
(.)
0.340 8 6
(.)
1.0 25.4
()
MIN.
0.052 1 32
(.
)
0.048 1 22
(.
)
0.360 9 1
(.)
0.340 8 6
(.)
DIA.
DIA.
30KPA28A
30KPA30A
30KPA33A
30KPA36A
30KPA39A
30KPA42A
30KPA43A
30KPA45A
30KPA48A
30KPA51A
30KPA54A
30KPA58A
30KPA60A
30KPA64A
30KPA66A
30KPA70A
30KPA71A
30KPA72A
30KPA75A
30KPA78A
30KPA84A
30KPA90A
30KPA
Part Number
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
BI-Polar
Electrical Characteristics
TABLE1
30KPA28CA
30KPA30CA
30KPA33CA
30KPA36CA
30KPA39CA
30KPA42CA
30KPA43CA
30KPA45CA
30KPA48CA
30KPA51CA
30KPA54CA
30KPA58CA
30KPA60CA
30KPA64CA
30KPA66CA
30KPA70CA
30KPA71CA
30KPA72CA
30KPA75CA
30KPA78CA
30KPA84CA
30KPA90CA
28
30
33
36
39
42
43
45
48
51
54
58
60
64
66
70
71
72
75
78
84
90
31.1
33.3
36.7
40.0
43.5
46.8
47.8
50.0
53.2
56.7
60.0
64.4
66.6
71.1
73.2
77.8
79.2
79.8
83.5
86.4
93.6
100.2
34.4
36.8
40.6
44.4
47.7
51.4
52.8
55.3
58.8
62.7
66.6
71.2
73.8
78.6
81.0
86.0
86.8
88.2
92.2
95.4
103.2
111.0
50
50
50
50
20
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
50.0
55.2
58.5
61.8
67.2
72.0
73.0
77.4
81.6
86.4
91.4
92.4
102.0
104.0
107.0
109.0
111.5
114.0
119.4
129.0
139.2
146.4
606.0
548.9
517.9
490.3
450.9
420.8
415.1
391.5
371.3
350.7
331.5
327.9
297.1
291.3
283.2
278.0
271.7
265.8
253.8
234.9
217.7
207.0
5000
5000
5000
5000
2000
1000
1000
250
150
50
20
20
15
10
2
2
2
2
2
2
2
2
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
..
.
“ ”Stand for commonly used models
*
*
30KPA(30KW) Series
REV 2016 08 10
μ


Similar Part No. - 30KPA108A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30KPA108A LITTELFUSE-30KPA108A Datasheet
129Kb / 5P
   Transient Voltage Suppression Diodes Axial Leaded - 30000W
logo
StarHope
30KPA108A SPSEMI-30KPA108A Datasheet
718Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-28 TO 288 Volts
logo
TAITRON Components Inco...
30KPA108A TAITRON-30KPA108A Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KPA108A SUNMATE-30KPA108A Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
30KPA108A MDE-30KPA108A Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KPA108A

ManufacturerPart #DatasheetDescription
logo
StarHope
30KPA SPSEMI-30KPA Datasheet
718Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-28 TO 288 Volts
logo
New Jersey Semi-Conduct...
30KPA NJSEMI-30KPA Datasheet
157Kb / 3P
   STAND-OFF VOLTAGE-30 TO 288 Volts 30000 Watt Peak Pulse Power
logo
StarHope
TVS-20KPA SPSEMI-TVS-20KPA Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
logo
Pan Jit International I...
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com