Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20LHE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 20LHE
Description  Linear Position Sensor in Hall Effect Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20LHE Datasheet(HTML) 3 Page - Vishay Siliconix

  20LHE Datasheet HTML 1Page - Vishay Siliconix 20LHE Datasheet HTML 2Page - Vishay Siliconix 20LHE Datasheet HTML 3Page - Vishay Siliconix 20LHE Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20 LHE
www.vishay.com
Vishay Sfernice
Revision: 27-Mar-15
3
Document Number: 57115
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
DIMENSIONS in millimeters
Materials
Housing
Thermoplastic housing
Mounting type
Flange with 2 holes Ø 4.5 mm
Shaft
Ø 3.175 mm (stainless steel)
Output
3 lead wires (AWG 20)
Length: 300 mm
Centering diameter
Ø 12 mm
Spring force
From 1.5 N to 7 N along stroke (typical)
Wire
YELLOW
GND (-)
RED
SIGNAL
GREEN
Vcc (+)
ENVIRONMENTAL SPECIFICATIONS
19
11.4
2.5
20.8
Fully extended
30
10
37 max.
4
Ø 3.175
0
- 0.013
Ø 12
0
- 0.1
46
36
6.8
14
19
3 wires
300 mm
Tol. gen.: ± 0.5 mm
2 x Ø 4.5


Similar Part No. - 20LHE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20LHE VISHAY-20LHE Datasheet
368Kb / 4P
   Linear Position Sensor in Hall Effect Technology (0 mm to 10 mm max.)S
01-Jan-2022
20LHE1AWA1XXXXE1 VISHAY-20LHE1AWA1XXXXE1 Datasheet
368Kb / 4P
   Linear Position Sensor in Hall Effect Technology (0 mm to 10 mm max.)S
01-Jan-2022
20LHE1AWA9XXXXE1 VISHAY-20LHE1AWA9XXXXE1 Datasheet
368Kb / 4P
   Linear Position Sensor in Hall Effect Technology (0 mm to 10 mm max.)S
01-Jan-2022
20LHE1AWAPXXXXE1 VISHAY-20LHE1AWAPXXXXE1 Datasheet
368Kb / 4P
   Linear Position Sensor in Hall Effect Technology (0 mm to 10 mm max.)S
01-Jan-2022
20LHE1AWATXXXXE1 VISHAY-20LHE1AWATXXXXE1 Datasheet
368Kb / 4P
   Linear Position Sensor in Hall Effect Technology (0 mm to 10 mm max.)S
01-Jan-2022
More results

Similar Description - 20LHE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
49E ETC2-49E Datasheet
512Kb / 4P
   49E Hall-Effect Linear Position Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
   Position Programmable Linear Hall Effect Sensor
logo
Vishay Siliconix
20LHE VISHAY-20LHE_15 Datasheet
360Kb / 4P
   Linear Position Sensor in Hall Effect Technology (0 mm to 10 mm max.)
Revision: 27-Mar-15
20LHE VISHAY-20LHE_V01 Datasheet
368Kb / 4P
   Linear Position Sensor in Hall Effect Technology (0 mm to 10 mm max.)S
01-Jan-2022
SMHE VISHAY-SMHE_15 Datasheet
98Kb / 5P
   Rotational Position Sensor, Kit Type, Hall Effect Technology
Revision: 13-Feb-15
SMHE VISHAY-SMHE Datasheet
107Kb / 5P
   Rotational Position Sensor, Kit Type, Hall Effect Technology
01-Jan-2022
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
   Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com