Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA24A Datasheet(PDF) 1 Page - StarHope

Part # SA24A
Description  Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SA24A Datasheet(HTML) 1 Page - StarHope

  SA24A Datasheet HTML 1Page - StarHope SA24A Datasheet HTML 2Page - StarHope SA24A Datasheet HTML 3Page - StarHope SA24A Datasheet HTML 4Page - StarHope SA24A Datasheet HTML 5Page - StarHope SA24A Datasheet HTML 6Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 1 of
6
Glass Passivated Junction Transient Voltage Suppressor
Stand-Off Voltage - 5.0 to 180 Volts
500 Watt Peak Pulse Power
Features
Plastic package
Glass passivated chip junction in DO-15 Package
600W surge capability at 10/1000 s wave form
μ
Excellent clamping capability
Low zener impedance
Fast response time: typically less than 1.0ps from 0 Volts to B min.
V
Typical IR less than 1 A above 10V
μ
High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length, 5lbs., (2.3kg) tension
Pb-free plated
SA(500W) Series
Mechanical Data
Case: JEDEC DO-15 Molded plastic
Terminals: Solderable per MIL-STD-750,Method 2026
Polarity: Color band denotes cathode except Bipolar
Any
Mounting Position:
0.015 ounce, 0.4 grams
Weight:
Devices For Bipolar Application
For Bidirectional use C or CA Suffix for types SA5.0 thru types SA180 (e.g. SA5.0C , SA180CA)
Electrical characteristics apply in both directions
Maximum Ratings And Characteristics
Ratings at 25
ambient temperature unless otherwise specified.
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above T
= 25
per Fig. 2 .
A
2.Mounted on Copper Pad area of 1.6×1.6" (40×40mm) per Fig. 5
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note3)
Operating junction and Storage Temperature Range
RATING
SYMBOL
VALUE
UNITS
PPPM
IFSM
T, T
JSTG
Minimum
500
5
-55 to
+175
70
Watts
Amps
PM(AV)
Watts
Peak Pulse Power Dissipation at T
25
T
AP
==
℃,
()
1ms
Note 1
Steady State Power Dissipation at T
Lead
L
=75
℃,
..
lengths 375
9 5mm
Note 2
",(
) (
)
REV 2016 08 10


Similar Part No. - SA24A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA24A MOTOROLA-SA24A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA24A LEIDITECH-SA24A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Micro Commercial Compon...
SA24A MCC-SA24A Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Littelfuse
SA24A LITTELFUSE-SA24A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SA24A SOCAY-SA24A Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - SA24A

ManufacturerPart #DatasheetDescription
logo
StarHope
SA SPSEMI-SA Datasheet
918Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
Pan Jit International I...
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
DB Lectro Inc
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
logo
StarHope
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-20KPA SPSEMI-TVS-20KPA Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
TVS-30KPA SPSEMI-TVS-30KPA Datasheet
325Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com