Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ12A Datasheet(PDF) 2 Page - StarHope

Part # SMCJ12A
Description  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMCJ12A Datasheet(HTML) 2 Page - StarHope

  SMCJ12A Datasheet HTML 1Page - StarHope SMCJ12A Datasheet HTML 2Page - StarHope SMCJ12A Datasheet HTML 3Page - StarHope SMCJ12A Datasheet HTML 4Page - StarHope SMCJ12A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 2 of 5
Dimensions (DO-214AB)
SMCJ5.0A
SMCJ6.0A
SMCJ6.5A
SMCJ7.0A
SMCJ7.5A
SMCJ8.0A
SMCJ8.5A
SMCJ9.0A
SMCJ10A
SMCJ11A
SMCJ12A
SMCJ13A
SMCJ14A
SMCJ15A
SMCJ16A
SMCJ17A
SMCJ18A
SMCJ20A
SMCJ22A
SMCJ24A
SMCJ26A
SMCJ28A
SMCJ
Part Number
Device
Marking Code
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
UNI
BI-Polar
BI
*
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
SMCJ5.0CA
SMCJ6.0CA
SMCJ6.5CA
SMCJ7.0CA
SMCJ7.5CA
SMCJ8.0CA
SMCJ8.5CA
SMCJ9.0CA
SMCJ10CA
SMCJ11CA
SMCJ12CA
SMCJ13CA
SMCJ14CA
SMCJ15CA
SMCJ16CA
SMCJ17CA
SMCJ18CA
SMCJ20CA
SMCJ22CA
SMCJ24CA
SMCJ26CA
SMCJ28CA
GDE
GDG
GDK
GDM
GDP
GDR
GDT
GDV
GDX
GDZ
GEE
GEG
GEK
GEM
GEP
GER
GET
GEV
GEX
GEZ
GFE
GFG
BDE
BDG
BDK
BDM
BDP
BDR
BDT
BDV
BDX
BDZ
BEE
BEG
BEK
BEM
BEP
BER
BET
BEV
BEX
BEZ
BFE
BFG
5.0
6.0
6.5
7.0
7.5
8.0
8.5
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
20.0
22.0
24.0
26.0
28.0
6.40
6.67
7.22
7.78
8.33
8.89
9.44
10.00
11.10
12.20
13.30
14.40
15.60
16.70
17.80
18.90
20.00
22.20
24.40
26.70
28.90
31.10
7.00
7.37
7.98
8.60
9.21
9.83
10.40
11.10
12.30
13.50
14.70
15.90
17.20
18.50
19.70
20.90
22.10
24.50
26.90
29.50
31.90
34.40
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
9.2
10.3
11.2
12.0
12.9
13.6
14.4
15.4
17.0
18.2
19.9
21.5
23.2
24.4
26.0
27.6
29.2
32.4
35.5
38.9
42.1
45.4
163.0
145.7
134.0
125.0
116.3
110.3
104.2
97.4
88.3
82.5
75.4
69.8
64.7
61.5
57.7
54.4
51.4
46.3
42.3
38.6
35.7
33.1
500
500
300
200
100
50
20
10
5
1
1
1
1
1
1
1
1
1
1
1
1
1
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
SMCJ(1500W) Series
0.126 3.20
()
0.112 2.85
()
0.280(7.11)
0.260(6.60)
0.245(6.22)
0.220(5.60)
Cathode Band
0.118(3.00)
0.081(2.06)
0.329 8.35
()
0.305 7.75
()
0.067 1.70
()
0.030 0.76
()
DO-214AB(SMC J-Bend)
Dimensions in inches and(millimeters)
*
*
*
*
*
*
*
REV 2016 08 10
0.012 0.305
()
0.006 0.152
()
0.012(0.3)MAX.
μ


Similar Part No. - SMCJ12A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ12A DCCOM-SMCJ12A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ12A MCC-SMCJ12A Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ12A MCC-SMCJ12A Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Jinan Jing Heng Electro...
SMCJ12A JINGHENG-SMCJ12A Datasheet
139Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ12A TSC-SMCJ12A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ12A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-TECB SPSEMI-TVS-TECB Datasheet
162Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
StarHope
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com