Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KPA17A Datasheet(PDF) 3 Page - StarHope

Part # 15KPA17A
Description  Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

15KPA17A Datasheet(HTML) 3 Page - StarHope

  15KPA17A Datasheet HTML 1Page - StarHope 15KPA17A Datasheet HTML 2Page - StarHope 15KPA17A Datasheet HTML 3Page - StarHope 15KPA17A Datasheet HTML 4Page - StarHope 15KPA17A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPSEMI
www.spsemi.cn
Page 3 of 5
15KPA85A
15KPA90A
15KPA100A
15KPA110A
15KPA120A
15KPA130A
15KPA150A
15KPA160A
15KPA170A
15KPA180A
15KPA200A
15KPA220A
15KPA240A
15KPA260A
15KPA280A
15KPA
Part Number
Reverse
Stand-Off
Voltage
V
(V)
RWM
Breakdown
Voltage
@IT
V
(V)Min.
BR
Breakdown
Voltage
@IT
V
(V)Max.
BR
Test
Current
IT(mA)
Maximum
Clamping
Voltage
@Ipp
Vc(V)
Peak Pulse
Current
Ipp(A)
Reverse
Leakage
@VRWM
I(
A)
R
UNI-Polar
BI-Polar
Electrical Characteristics
TABLE1
15KPA85CA
15KPA90CA
15KPA100CA
15KPA110CA
15KPA120CA
15KPA130CA
15KPA150CA
15KPA160CA
15KPA170CA
15KPA180CA
15KPA200CA
15KPA220CA
15KPA240CA
15KPA260CA
15KPA280CA
85
90
100
110
120
130
150
160
170
180
200
220
240
260
280
94.40
99.90
110.00
122.00
133.20
144.00
167.00
178.00
189.00
200.10
222.00
244.00
267.40
289.60
312.10
104.00
110.40
123.00
135.00
147.30
159.00
185.00
197.00
209.00
221.10
247.00
272.00
293.90
318.20
342.50
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
137.6
145.6
161.3
178.6
192.3
208.3
241.9
258.6
272.7
288.5
319.1
428.6
384.6
416.7
454.5
109.7
103.7
93.6
84.5
78.5
72.5
62.4
58.4
55.4
52.3
47.3
35.2
39.3
36.2
33.2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
Notes :
1.For bidirectional type having V
of 10 volts and less, the I limit is double
RWM
R
For parts with A , the V
is ± 5%
2.
BR
..
.
“ ”Stand for commonly used models
*
15KPA(15KW) Series
Rating And Characteristic Curves
Fig.2 Pulse Derating Curve
T --Ambient Temperature(
)
A
100
125
150
175
75
50
25
0
0
20
40
60
80
100
120
Fig.1 Peak Pulse Power Rating Curve
1μs
1
100
1000
td - Pulse Width (sec.)
10
10
μs
100
μs
1.0m
s
REV 2016 08 10
μ


Similar Part No. - 15KPA17A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA17A PROTEC-15KPA17A Datasheet
72Kb / 5P
   POWER TVS COMPONENT
logo
Ruilongyuan Electronics...
15KPA17A RUILON-15KPA17A Datasheet
877Kb / 7P
   Transient Voltage Suppressors
logo
Leshan Radio Company
15KPA17A LRC-15KPA17A Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
Socay Electornics Co., ...
15KPA17A SOCAY-15KPA17A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Weitron Technology
15KPA17A WEITRON-15KPA17A Datasheet
231Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KPA17A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
logo
StarHope
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
10KPA SPSEMI-10KPA Datasheet
533Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-17 TO 280 Volts
TVS-20KPA SPSEMI-TVS-20KPA Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
TVS-30KPA SPSEMI-TVS-30KPA Datasheet
325Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com