Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P9373 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # P9373
Description  SmartACFL Modem
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P9373 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button P9373 Datasheet HTML 4Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 5Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 6Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 7Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 8Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 9Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 10Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 11Page - List of Unclassifed Manufacturers P9373 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SmartACFL
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
8
Conexant
Doc. No. 100444A
Proprietary Information
RCDSVD Speech Codec Processor (SCP)
(Optional)
The RCDSVD SCP (R6715-14), required for on-
board DSVD operation, is packaged in a 100-pin
PQFP. The 56.448 MHz crystal frequency is
supplied by the MDP XCLK output.
MCU/MCUP Firmware
MCU/MCUP firmware performs processing of
general modem control, command sets, data
modem, error correction and data compression
(ECC), fax class 1, fax class 2, DSVD,
voice/audio/TAM/speakerphone, W-class, V.80,
analog cellular, GSM, and serial DTE/parallel
host/PC Card interface functions according to
modem models (Table 1).
Configurations of the modem firmware are provided
to support parallel host bus interface (MCU), serial
DTE interface (MCU) or PC Card interface (MCUP)
operation.
The modem firmware is provided in object code form
for the OEM to program into external ROM/flash
ROM. The modem firmware may also be provided in
source code form under a source code addendum
license agreement.
Modem Data Pump (MDP)
The Modem Data Pump (MDP) supports data/fax
modem, voice record from and playback to the
telephone line, and optional voice/full-duplex
speakerphone operation. The MDP communicates
with the MCU via parallel bus, serial data and clock,
and serial voice (optional) signals. Downloadable
architecture allows upgrading of MDP code from the
MCU.
The MDP, packaged in a 100-pin TQFP, includes a
modem controller interface, a digital signal processor
(DSP), a voice codec (VC) interface, and a
SmartDAA Interface.
The MDP performs telephone line signal
modulation/demodulation in a hardware DSP which
reduces computational load on the host processor.
Downloadable architecture allows updating of MDP
executable code.
The SmartDAA Interface communicates with, and
supplies power and clock to, the LSD through the
DIB.
The input clock frequency is 28.224 MHz and is
supplied by the MCU. The operating voltage is +3.3V
with +5V tolerant inputs.
ADPCM voice processing is supported.
Downloading of MDP code from the MCU is
supported.
Digital Isolation Barrier (DIB) (OEM Supplied)
The DIB electrically DC isolates the MDP from the
LSD. The MDP is connected to a fixed digital ground
and operates with standard CMOS logic levels. The
LSD is connected to a floating ground and can
tolerate high voltage input (compatible with
telephone line and typical surge requirements).
A digital transformer (DXFMR) in the DIB power
channel couples power and clock digital waveforms
from the MDP to the LSD.
The DIB data channel supports bidirectional half-
duplex serial transfer of data, control, and status
information between the MDP and the LSD over two
lines.


Similar Part No. - P9373

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P937-000 TRIPPLITE-P937-000 Datasheet
173Kb / 2P
   40-Pin Male IDE to 2.5 in., 3.5 in. and 5.25 in. SATA Adapter
More results

Similar Description - P9373

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com