Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OXFW911 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OXFW911
Description  IEEE1394 to ATA/ATAPI Native Bridge
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXFW911 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OXFW911 Datasheet HTML 1Page - List of Unclassifed Manufacturers OXFW911 Datasheet HTML 2Page - List of Unclassifed Manufacturers OXFW911 Datasheet HTML 3Page - List of Unclassifed Manufacturers OXFW911 Datasheet HTML 4Page - List of Unclassifed Manufacturers OXFW911 Datasheet HTML 5Page - List of Unclassifed Manufacturers OXFW911 Datasheet HTML 6Page - List of Unclassifed Manufacturers OXFW911 Datasheet HTML 7Page - List of Unclassifed Manufacturers OXFW911 Datasheet HTML 8Page - List of Unclassifed Manufacturers OXFW911 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet Rev 1.1
Page 3
OXFW911
OXFORD SEMICONDUCTOR LTD.
1 BLOCK DIAGRAM
ARM7TDMI
EE_DO
EE_DI
GPIO /
EEPROM
interface
EE_CK
EE_CS
ATA/
ATAPI
manager
IDE_OE#
IA[2:0]
ID[15:0]
DMARQ
DIOW#
DIOR#
IORDY
SCRATCH
RAM
ORB Co-
processor
RAM
Manager
Buffer RAM
D[15:0]
CS#[3:0]
A[16:0]
OE#
WE#
INT#
External
Device
interface
Link-Phy
interface
PD[7:0]
CTL[1:0]
LINK_ON
LPS
LREQ
PHY_CLK
DMACK#
INTRQ#
ICS#[1:0]
Internal
FLASH
Figure 1: OXFW911 Block Diagram


Similar Part No. - OXFW911

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXFW911PLUS OXFORD-OXFW911PLUS Datasheet
80Kb / 2P
   1394A-to-ATA7/ATAPI Bridge
More results

Similar Description - OXFW911

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OXFW900-TQ-A ETC-OXFW900-TQ-A Datasheet
187Kb / 30P
   IEEE1394 to ATA/ATAPI Native Bridge
GL700FW ETC1-GL700FW Datasheet
292Kb / 23P
   ATA/ATAPI TO 1394 NATIVE BRIDGE
GL711FW ETC2-GL711FW Datasheet
452Kb / 17P
   ATA/ATAPI to 1394 Native Bridge Two in One Solution
AU6390 ETC2-AU6390 Datasheet
435Kb / 19P
   USB2.0 to ATA/ATAPI Bridge Controller
AU6391 ETC2-AU6391 Datasheet
673Kb / 22P
   USB2.0 to ATA/ATAPI Bridge Controller
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com