Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT7181FQ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NT7181FQ
Description  LVDS Transmitter 24 Bit Color Host-LCD Display Panel Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT7181FQ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NT7181FQ Datasheet HTML 1Page - List of Unclassifed Manufacturers NT7181FQ Datasheet HTML 2Page - List of Unclassifed Manufacturers NT7181FQ Datasheet HTML 3Page - List of Unclassifed Manufacturers NT7181FQ Datasheet HTML 4Page - List of Unclassifed Manufacturers NT7181FQ Datasheet HTML 5Page - List of Unclassifed Manufacturers NT7181FQ Datasheet HTML 6Page - List of Unclassifed Manufacturers NT7181FQ Datasheet HTML 7Page - List of Unclassifed Manufacturers NT7181FQ Datasheet HTML 8Page - List of Unclassifed Manufacturers NT7181FQ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
1 Features
! 28:4 Data Channel Compression at up to 297 Megabytes
per Second Throughput
! Suited for VGA, SVGA, XGA and Dual pixel SXGA,
UXGA Display Data Transmission From Controller to
Display With Very Low EMI
! 28 Data Channels and Clock-In Low-Voltage TTL and 4
Data Channels and Clock-Out Low-Voltage Differential
! Operates From a Single 3.3V Supply With 250mW (Typ)
! Low profile 56 Lead TSSOP Package
! Clock edge Programmable for Transmitter
! Wide Phase-Lock Input Frequency Range: 25 MHz To
85 MHz
! Supports Spread Spectrum Clock Generator
! Suggests to use for LCD monitor only
! No External Components Required for PLL
2 General Description
The NT7181 transmitter contains four 7-bit parallel-load serial-out registers, a 7x clock synthesizer, and five low-voltage
differential (LVDS) line in a single integrated circuit. These functions allow 28 bits of single-ended low-voltage TTL (LVTTL)
data to be synchronously transmitted over four balanced-pair conductors for receipt by a compatible receiver, such as the
DS90CF386 or THC63LVDF84A.The NT7181 transmitter is offered with programmable edge data strobes for convenient
interface with a variety of graphic controllers. The NT7181 transmitter can be programmed for rising edge strobe(RFB=1) or
falling edge strobe(RFB=0) through the RFB pin. When transmitting, data bits D0 - D27 are each loaded into registers of the
NT7181 on the rising edge or falling edge of the input clock signal (CLKIN). The frequency of CLKIN is multiplied seven times
and then used to unload the data registers in 7-bit slices and serially. The four serial streams and a phase-locked clock
(TCLK) are then output to LVDS output drivers. The frequency of TCLK is the same as the input clock, CLKIN.
The NT7181 requires no external components and little or no control. The data bus appears the same at the input to the
transmitting and output of the receiver with the data transmission transparent to the user. The only user intervention is the
possible use of the shutdown/clear ( PWDN ) active-low input to inhibit the clock and shut off the LVDS output drivers for
lower power consumption. A low level on this signal clears all internal registers to a low level.
The NT7181 are characterized for operation over free-air temperature ranges of 0
°C to 70°C.
2.1 Block Diagrams
T
T
L
P
A
R
A
L
L
E
L
|
T
O
|
L
V
D
S
PLL
CMOS / TTL INPUTS
DATA (LVDS)
CLOCK (LVDS)
(25 MHz To 85 MHz)
TD0-6
TD7-13
TD14-20
(TRANSMIT CLOCK IN)
(25 MHz To 85 MHz)
POWER DOWN
(175 Mbit/s To 595 Mbit/s On
Each LVDS
Cnannel)
NT7181
7
7
7
T0P
T0M
T1P
T1M
T2P
T2M
TCLKP
TCLKM
TD21-27
7
T3M
T3P
3


Similar Part No. - NT7181FQ

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT71 DBLECTRO-NT71 Datasheet
293Kb / 2P
   Superminiature, low coil power consumption.
NT71 DBLECTRO-NT71 Datasheet
520Kb / 2P
   Suitable for household electrical appliances, automation system, instrument and meter
logo
Neotec Semiconductor Lt...
NT7107C NEOTEC-NT7107C Datasheet
547Kb / 21P
   LCD driver
Rev1.0 2015/08/17
NT7107D NEOTEC-NT7107D Datasheet
367Kb / 21P
   LCD driver
Rev1.0 2015/08/12
NT7108 NEOTEC-NT7108 Datasheet
121Kb / 22P
   Dot matrix LCD segment driver with 64 channel output
12/11/2002
More results

Similar Description - NT7181FQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF581 NSC-DS90CF581 Datasheet
203Kb / 10P
   LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
DS90CR581 NSC-DS90CR581 Datasheet
203Kb / 10P
   LVDS Transmitter 24-Bit Color Flat Panel Display (FPD) Link
logo
THine Electronics, Inc.
THC63LVDM83D THINE-THC63LVDM83D Datasheet
101Kb / 12P
   REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDF84B THINE-THC63LVDF84B Datasheet
159Kb / 10P
   LVDS 24Bit/18Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER
THC63LVDM83C5S THINE-THC63LVDM83C5S Datasheet
121Kb / 12P
   REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDM83C-5S THINE-THC63LVDM83C-5S Datasheet
522Kb / 13P
   REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDM83R THINE-THC63LVDM83R Datasheet
194Kb / 12P
   REDUCED SWING LVDS 24Bit/18Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDF84B5S THINE-THC63LVDF84B5S Datasheet
77Kb / 10P
   LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER(Falling Edge Clock)
THC63LVDF84B-5S THINE-THC63LVDF84B-5S Datasheet
339Kb / 11P
   LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER(Falling Edge Clock)
THC63LVDR84B THINE-THC63LVDR84B Datasheet
78Kb / 10P
   LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER (Rising Edge Clock)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com