Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54M3T5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAT54M3T5G
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT54M3T5G Datasheet(HTML) 1 Page - ON Semiconductor

  BAT54M3T5G_14 Datasheet HTML 1Page - ON Semiconductor BAT54M3T5G_14 Datasheet HTML 2Page - ON Semiconductor BAT54M3T5G_14 Datasheet HTML 3Page - ON Semiconductor BAT54M3T5G_14 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 2
Publication Order Number:
BAT54M3/D
BAT54M3T5G
Schottky Barrier Diode
This Schottky barrier diode is designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low
forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
The BAT54M3T5G device is a spin−off of our popular SOT−23
three−leaded device and is housed in the SOT−723 surface mount
package. This device is ideal for low−power surface mount
applications where board space is at a premium.
Features
Extremely Fast Switching Speed
Low Forward Voltage − 0.35 Volts (Typ) @ IF = 10 mAdc
Reduces Board Space
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
200
2.0
mW
mW/
°C
Forward Current (DC)
IF
200 Max
mA
Non−Repetitive Peak Forward Current
tp < 10 msec
IFSM
600
mA
Repetitive Peak Forward Current
Pulse Wave = 1 sec, Duty Cycle =
66%
IFRM
300
mA
Junction Temperature
TJ
− 55 to +125
°C
Storage Temperature Range
Tstg
− 55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
30 V
SILICON HOT−CARRIER
DETECTOR AND SWITCHING
DIODE
3
CATHODE
1
ANODE
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
BAT54M3T5G
SOT−723
(Pb−Free)
8000/Tape & Reel
SOT−723
CASE 631AA
STYLE 2
MARKING
DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
AP = Specific Device Code
M
= Date Code
AP M
1
3
2
1
NSVBAT54M3T5G
SOT−723
(Pb−Free)
8000/Tape & Reel


Similar Part No. - BAT54M3T5G_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAT54M3T5G ONSEMI-BAT54M3T5G Datasheet
118Kb / 4P
   Schottky Barrier Diode
January, 2009 ??Rev. 0
More results

Similar Description - BAT54M3T5G_14

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com