Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR0340HT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSR0340HT1G
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR0340HT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NSR0340HT1G_14 Datasheet HTML 1Page - ON Semiconductor NSR0340HT1G_14 Datasheet HTML 2Page - ON Semiconductor NSR0340HT1G_14 Datasheet HTML 3Page - ON Semiconductor NSR0340HT1G_14 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NSR0340HT1G
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance
Junction−to−Ambient (Note 1)
Total Power Dissipation @ TA = 25°C
RqJA
PD
740
160
°C/W
mW
Thermal Resistance
Junction−to−Ambient (Note 2)
Total Power Dissipation @ TA = 25°C
RqJA
PD
460
270
°C/W
mW
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. Mounted onto a 4 in square FR−4 board 10 mm sq. 1 oz. Cu 0.06” thick single−sided. Operating to steady state.
2. Mounted onto a 4 in square FR−4 board 1 in sq. 1 oz. Cu 0.06” thick single−sided. Operating to steady state.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Leakage
(VR = 10 V)
(VR = 25 V)
(VR = 40 V)
IR
0.2
0.4
1.3
1.0
3.0
6.0
mA
Forward Voltage
(IF = 10 mA)
(IF = 100 mA)
(IF = 200 mA)
VF
320
415
470
350
490
590
mV
Total Capacitance
(VR = 10 V, f = 1 MHz)
CT
6.0
pF
Reverse Recovery Time
(IF = IR = 10 mA, IR = 1.0 mA)
trr
5.0
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. DC Current Source is adjusted for a Forward Current (IF) of 10 mA.
2. Pulse Generator Output is adjusted for a Peak Reverse Recovery Current IRM of 10 mA.
3. Pulse Generator transition time << trr.
4. IR(REC) is measured at 1 mA. Typically 0.1 X IRM or 0.25 X IRM.
5. tp » trr
RL = 50 W
Current
Transformer
DUT
750
mH
0.1
mF
50
W Output
Pulse
Generator
tr
tp
10%
90%
IF
IRM
trr
iR(REC) = 1 mA
Output Pulse
(IF = IRM = 10 mA; measured
at iR(REC) = 1 mA)
IF
Pulse Generator
Output
Figure 1. Recovery Time Equivalent Test Circuit
50
W Input
Oscilloscope
0.1
mF
DC Current
Source
0 V
VR
Adjust for IRM
−+


Similar Part No. - NSR0340HT1G_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR0340HT1G ONSEMI-NSR0340HT1G Datasheet
114Kb / 4P
   Schottky Barrier Diode
October, 2008 ??Rev. 0
More results

Similar Description - NSR0340HT1G_14

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com