Electronic Components Datasheet Search |
|
M61621GTCN Datasheet(PDF) 2 Page - MTRONPTI |
|
M61621GTCN Datasheet(HTML) 2 Page - MTRONPTI |
2 / 7 page MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321. 2 MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321. Performance Characteristics M616x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO Parameter Symbol Min. Typ. Max. Units Conditions/Notes Frequency Range FO 8 52 MHz Contact factory above 40 MHz Operating Temperature TA -40 +85 °C See Ordering Information Storage Temperature TSTG -55 +125 °C Frequency Tolerance @ +25°C -1.0 +1.0 ppm For TCXO only Frequency Stability See Ordering Information (Fmax – Fmin)/2 Stability Vs. Reflow -1.0 +1.0 ppm Frequency Vs. Supply ±0.02 ±0.1 ppm For 5% supply voltage variation Frequency Vs. Load ±0.02 ±0.1 ppm For 5% load variation Aging (First Year) -1.0 +1.0 ppm F0 < 20 MHz Aging (First Year) -2.0 +2.0 ppm F0 > 20 MHz Aging (10 Year) -3.0 +3.0 ppm F0 < 20 MHz (Includes first year) Aging (10 Year) -5.0 +5.0 ppm F0 > 20 MHz (Includes first year) Supply Voltage Tolerance -5.0 +5.0 % See Ordering Information Supply Current (ID) 2.0 3.0 mA HCMOS output at 13 MHz 3.0 4.0 mA HCMOS output at 26 MHz 5.5 6.5 mA HCMOS output at 52 MHz 1.3 1.9 mA Clipped sinewave output at 13 MHz 1.7 2.3 mA Clipped sinewave output at 26 MHz 2.8 3.5 mA Clipped sinewave output at 52 MHz Output Logic Levels VOL 20 %VS IOH/IOL = ± 4 mA, Vs = +3.0 V (HCMOS) VOH 80 %VS IOH/IOL = ± 4 mA, Vs = +3.0 V Output Level 1.0 Vpk-pk Fo < 40 MHz (Clipped Sinewave) 0.8 Vpk-pk Fo > 40 MHz Waveform Symmetry 40 60 % Ref. to ½ VS. HCMOS only Rise/Fall Time 6.5 ns Ref. 10% to 90%. HCMOS only Output Load 15 pF HCMOS output 10/10 Kohm/pF Clipped sinewave output Frequency Adjustment -5.0 +5.0 ppm Over Control Voltage Range G-Sensitivity 0.6 ppb/g Control Voltage Range 0.3 2.7 Volts For VS = 3.0 0.3 3.0 Volts For VS = 3.3 0.5 4.5 Volts For VS = 5.0 Input Leakage Current -50 +50 µA Input Resistance 100 Kohm Linearity 5 % Modulation Bandwidth 2 kHz Tristate Function 70 %VS Output enabled. Logic “1” or “Open” 30 %VS Output disabled. Logic “0” or “GND” Tristate Leakage Current -100 +100 µA Phase Noise -98 dBc/Hz 10 Hz Offset (Typical 20 MHz CMOS) -125 dBc/Hz 100 Hz Offset -145 dBc/Hz 1 KHz Offset -154 dBc/Hz 10 KHz Offset -156 dBc/Hz 100 kHz Offset Shock MIL-STD-202, Method 213, Condition C 100 g Vibration MIL-STD-202, Methods 201 & 204 10 g from 10 to 2000 Hz Solderability EIAJ-STD-002 Package 5.0 x 7.0 mm, SMT and DIP RoHS Compliant Max Soldering Conditions See solder profile |
Similar Part No. - M61621GTCN |
|
Similar Description - M61621GTCN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |