Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17K732-K0AS5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 17K732-K0AS5
Description  17K732-K0AS5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

17K732-K0AS5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  17K732-K0AS5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 17K732-K0AS5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
ADAPTOR FLOATING
Longwipe- SMP JACK – SMA JACK
17K732-K0AS5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
2 / 2
f(GHz)
Electrical data
Impedance
50
Frequency
DC to 6 GHz
Return loss
≥ 23 dB, DC to 3 GHz
≥ 20 dB, 3 to 6 GHz
Insertion loss
≤ 0.05 x
dB, DC to 6 GHz
Insulation resistance
≥ 5 GΩ
Center contact resistance
≤ 8 mΩ, Longwipe- SMP side; ≤ 3 mΩ, SMA side
Outer contact resistance
≤ 4 mΩ, Longwipe- SMP side; ≤ 2 mΩ, SMA side
Test voltage
500 V rms
Working voltage
335 V rms
Mechanical data
Longwipe- SMP side
SMA side
Mating cycles
≥ 1000
≥ 500
Center contact captivation: axial
≥ 15 N
Center contact
≤ 2 N at 1.4mm spring travel
Outer contact
≤ 8 N at 2mm spring travel
Radial misalignement
≤ 0.35mm
Environmental data
Temperature range
-40°C to +85°C
Thermal shock
MIL-STD-202, Method 107, Condition B
Vibration
MIL-STD-202, Method 204, Condition B
Shock
MIL-STD-202, Method 213, Condition A
Moisture resistance
MIL-STD-202, Method 106
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Weight
Weight
13.8 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Weidensp. R.
07/07/10
J_Krautenbacher
04.08.16
d00
15-1629
I_Wallner
04.08.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 17K732-K0AS5

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
17K1103050 SEI-17K1103050 Datasheet
969Kb / 5P
   Automotive Leaded Varistor
08/14/2019
logo
Rosenberger Hochfrequen...
17K117-K01L5 ROSENBERGER-17K117-K01L5 Datasheet
85Kb / 2P
   ADAPTOR
17K117-K02L5 ROSENBERGER-17K117-K02L5 Datasheet
42Kb / 2P
   ADAPTOR
17K117-K03L5 ROSENBERGER-17K117-K03L5 Datasheet
46Kb / 2P
   ADAPTOR
17K117-K04L5 ROSENBERGER-17K117-K04L5 Datasheet
45Kb / 2P
   ADAPTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com