Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W5017 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # W5017
Description  868-928MHz Dipole Antenna
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W5017 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  W5017_16 Datasheet HTML 1Page - Pulse A Technitrol Company W5017_16 Datasheet HTML 2Page - Pulse A Technitrol Company W5017_16 Datasheet HTML 3Page - Pulse A Technitrol Company W5017_16 Datasheet HTML 4Page - Pulse A Technitrol Company W5017_16 Datasheet HTML 5Page - Pulse A Technitrol Company W5017_16 Datasheet HTML 6Page - Pulse A Technitrol Company W5017_16 Datasheet HTML 7Page - Pulse A Technitrol Company W5017_16 Datasheet HTML 8Page - Pulse A Technitrol Company W5017_16 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Description: 868-928MHz Dipole Antenna
PART NUMBER: W5017
Series: Stick Antenna
Issue: 1640
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
For more information:
Pulse Worldwide Headquarters
Pulse/Larsen Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
12220 World Trade Drive
3611 NE 112th Ave
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg,4th Phase
San Diego, CA 92128
Vancouver, WA 98682
Zeppelinstrasse 15
Suzhou New District
USA
USA
Herrenberg, Germany
Jiangsu Province, Suzhou 215009 PR China
Tel:1-858-674-8100
Tel: 1-360-944-7551
-
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
Features:
Applications:
All dimensions are in mm / inches
• ¼ wave dipole antenna
• Length 179mm
• Gain 0.9 dBi
• Connector SMA Male
• High Efficiency >70%
• Power rating 1W
• IP65 rated
• ISM 868 / 915 MHz radios
• IoT, M2M
• Industry automation
• Remote controls
• Toys, Consumer electronics
1


Similar Part No. - W5017_16

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W5017 PULSE-W5017 Datasheet
859Kb / 2P
   IP-65 Outdoor 868 915 MHz Antenna
W5017 PULSE-W5017 Datasheet
859Kb / 2P
   IP-65 Outdoor 868 & 915 MHz Antenna
More results

Similar Description - W5017_16

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-868-MHW LINX-ANT-868-MHW Datasheet
765Kb / 8P
   868 MHz Helical Dipole LPWA Antenna
2020
logo
Raltron Electronics Cor...
RDP-GPRS-P-300-SMAM-3000 RALTRON-RDP-GPRS-P-300-SMAM-3000 Datasheet
157Kb / 1P
   DIPOLE ANTENNA
RDP-GPRS-P-300-SMAM RALTRON-RDP-GPRS-P-300-SMAM Datasheet
157Kb / 1P
   DIPOLE ANTENNA
RDP-480-P-1200-BNC-3000-G RALTRON-RDP-480-P-1200-BNC-3000-G Datasheet
196Kb / 3P
   DIPOLE ANTENNA
logo
Taoglas antenna solutio...
TG.10.0113 TAOGLAS-TG.10.0113 Datasheet
4Mb / 53P
   Dipole Terminal Antenna
TG.10R.A.0113 TAOGLAS-TG.10R.A.0113 Datasheet
2Mb / 19P
   Dipole Terminal Antenna
TD.10.5113 TAOGLAS-TD.10.5113 Datasheet
16Mb / 33P
   Dipole Terminal Antenna
TG.35.8113W TAOGLAS-TG.35.8113W Datasheet
5Mb / 71P
   Dipole Swivel Terminal Antenna
TG.30.8112 TAOGLAS-TG.30.8112 Datasheet
2Mb / 19P
   dipole swivel terminal antenna
logo
rfsolutions.ltd
ANT-24G-DPL-1 RFSOLUTIONS-ANT-24G-DPL-1 Datasheet
983Kb / 2P
   Mini Dipole Antenna 2.4GHz
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com