Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1309BF Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM1309BF
Description  Protection of Lithium Ion Batteries (three cells in series)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1309BF Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM1309BF Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1309BF Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1309BF Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1309BF Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MITSUMI
Protection of Lithium Ion Battery (three cells in series) MM1309
Pin Assignment
14
3
2
85
6
7
SOP-8C
Pin Description
1
DCHG
2
N. C
3
OV
4
GND
5
BATL
6
BATM
7
BATM
8
VCC
No.
Pin
Output
Function
1
DCHG
Output
2
N. C
3
OV
Output
4
GND
5
BATL
Input
6
BATM
Input
7
BATM
Input
8
VCC
FET drive pin for excess discharge control
FET drive pin for overcharge control
Negative connection pin for the low side battery. Also, IC GND pin.
(IC reference power supply pin)
Positive connection pin for the low side battery, and negative connection pin for the
middle side battery.
Positive connection pin for the middle side battery, and negative connection pin for
the high side battery.
Positive connection pin for the high side battery.
IC positive power supply input pin.
Timing Chart
High Impedance
High Impedance
High Impedance
VCELL U
VCELL O
VCELL D
VCELL S
VCELL U
VCELL O
VCELL D
VCELL S
VCELL O
VCELL D
VCELL S
BATM
BATH
BATL
VALM
VALM
VALM
DCHG
OV
H
L
L
Excess discharge
Normal
Overcharge
Normal
Excess discharge
Overcharge
Normal
Overcharge
Excess discharge
Normal
Unbalanced (large voltage differences)
VCELL U


Similar Part No. - MM1309BF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MM1301 MITSUBISHI-MM1301 Datasheet
95Kb / 5P
   Protection of Lithium Ion Batteries (one cell) Monolithic IC
logo
Mitsumi Electronics, Co...
MM1302A MITSUMI-MM1302A Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
MM1302E MITSUMI-MM1302E Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
MM1302F MITSUMI-MM1302F Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
MM1302G MITSUMI-MM1302G Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
More results

Similar Description - MM1309BF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1293 MITSUMI-MM1293 Datasheet
165Kb / 6P
   Protection of Lithium Ion Batteries (three cells in series)
MM1292 MITSUMI-MM1292 Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
MM1294 MITSUMI-MM1294 Datasheet
169Kb / 6P
   Protection of Lithium Ion Batteries (four cells in series)
MM1414 MITSUMI-MM1414 Datasheet
243Kb / 9P
   Protection of Lithium Ion Batteries
MM1412 MITSUMI-MM1412 Datasheet
170Kb / 7P
   Protection of Lithium-Ion Batteries Monolithic IC
MM1291AF MITSUMI-MM1291AF Datasheet
172Kb / 7P
   Protection of Lithium Ion Batteries (one cell)
logo
Mitsubishi Electric Sem...
MM1451 MITSUBISHI-MM1451 Datasheet
145Kb / 7P
   Protection of Lithium-Ion Batteries (for Double-Protect)
MM1301 MITSUBISHI-MM1301 Datasheet
95Kb / 5P
   Protection of Lithium Ion Batteries (one cell) Monolithic IC
logo
Mitsumi Electronics, Co...
MM1332 MITSUMI-MM1332 Datasheet
93Kb / 4P
   Control of Lithium Ion Batteries Charging
logo
Panasonic Battery Group
CGR26650A PANASONICBATTERY-CGR26650A Datasheet
60Kb / 1P
   Lithium ion batteries
February 2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com