Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDMY10A0 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VDMY10A0
Description  Standard 7-Segment SMD Display 10 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDMY10A0 Datasheet(HTML) 7 Page - Vishay Siliconix

  VDMY10A0 Datasheet HTML 1Page - Vishay Siliconix VDMY10A0 Datasheet HTML 2Page - Vishay Siliconix VDMY10A0 Datasheet HTML 3Page - Vishay Siliconix VDMY10A0 Datasheet HTML 4Page - Vishay Siliconix VDMY10A0 Datasheet HTML 5Page - Vishay Siliconix VDMY10A0 Datasheet HTML 6Page - Vishay Siliconix VDMY10A0 Datasheet HTML 7Page - Vishay Siliconix VDMY10A0 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VDMR10.0, VDMO10.0, VDMY10.0, VDMG10.0
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 29-Nov-13
7
Document Number: 84196
For technical questions, contact: LED@Vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BAR CODE PRODUCT LABEL (example only)
A) 2D barcode
B) Vishay part number
C) Quantity
D) PTC = selection code (binning)
E) Code of manufacturing plant
F) Batch = date code: year/week/plant code
G) Region code
H) SL = sales location
I)
Terminations finishing
K) Lead (Pb)-free symbol
L) Halogen-free symbol
M) RoHS symbol
SOLDERING PROFILE
Fig. 6 - Vishay Lead (Pb)-free Reflow Soldering Profile
(acc. to J-STD-020C)
RECOMMENDED SOLDER PAD
MSL LABEL
SOLDERING IRON (one time only)
Temperature
300 °C max.
Soldering time
3 s max.
A
B
D
C
E
F
G
H
I
M
L
K
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
255
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. Ramp Up 3 °C/s
max. Ramp Down 6 °C/s
255 °C
19470-5
IR Reflow Soldering Profile for lead (Pb)-free Soldering
Preconditioning acc. to JEDEC Level 3
max. 2 cycles allowed
1.65
4 x 1.9 = 7.6


Similar Part No. - VDMY10A0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDMY10A0 VISHAY-VDMY10A0 Datasheet
282Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
More results

Similar Description - VDMY10A0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDMR10A1 VISHAY-VDMR10A1 Datasheet
232Kb / 8P
   Standard 7-Segment SMD Display 10 mm
Rev. 1.0, 13-May-13
VDMG10A1 VISHAY-VDMG10A1_V01 Datasheet
266Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10A1 VISHAY-VDMR10A1_V02 Datasheet
265Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
VDMG10.0 VISHAY-VDMG10.0_V01 Datasheet
283Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10.0 VISHAY-VDMR10.0_V02 Datasheet
282Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com