Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1075XF Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM1075XF
Description  System Reset (with built-in watchdog timer) Monolithic IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1075XF Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM1075XF Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1075XF Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1075XF Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1075XF Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1075XF Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1075XF Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1075XF Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1075XF Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1075XF Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MITSUMI
System Reset (with built-in watchdog timer) MM1075
System Reset (with built-in watchdog timer)
Monolithic IC MM1075
Outline
This IC functions in a variety of CPU systems and other logic systems to generate a reset signal and reset the
system accurately during momentary interruption or lowering of power supply voltage.
It also has a built-in watchdog timer for operation diagnosis. This prevents the system from running wild by
generating an intermittent reset pulse during system mis-operation.
Features
1. Built-in watchdog timer
2. Low minimum operating voltage
VCC=0.8V typ.
3. Both positive and negative logic reset output can be extracted
4. Accurate detection of drop in power supply voltage
5. Detection voltage has hysteresis
6. Few external parts
1 capacitor
7. Timer monitoring time can be varied by using an external resistor
Package
DIP-8A (MM1075XD)
SOP-8A (MM1075XF)
Applications
Microcomputer system monitoring, etc.
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Rating
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+70
°C
Power supply voltage
VCC max.
-0.3~+10
V
Voltage applied to VS & CK pins
VVS &VCK
-0.3~+10
V
Voltage applied to RESET, RESET
--------------------------------------------------------------
pin
VOH
-0.3~+10
V
Allowable loss
Pd
400
mW


Similar Part No. - MM1075XF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1077 MITSUMI-MM1077 Datasheet
163Kb / 7P
   Compander IC
More results

Similar Description - MM1075XF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1135 MITSUMI-MM1135 Datasheet
151Kb / 6P
   System Reset (with built-in watchdog timer) Monolithic IC
MM1035 MITSUMI-MM1035 Datasheet
226Kb / 10P
   System Reset (with built-in watchdog timer) Monolithic IC
MM1136 MITSUMI-MM1136 Datasheet
89Kb / 6P
   IC for System Reset (with built-in watchdog timer) Monolithic IC
MM1096 MITSUMI-MM1096 Datasheet
127Kb / 7P
   System Reset (with built-in watchdog timer) Monolithic MM1096
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
logo
Mitsumi Electronics, Co...
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com