Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLVP420 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLVP420
Description  Tinted clear package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLVP420 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLVP420 Datasheet HTML 1Page - Vishay Siliconix TLVP420 Datasheet HTML 2Page - Vishay Siliconix TLVP420 Datasheet HTML 3Page - Vishay Siliconix TLVP420 Datasheet HTML 4Page - Vishay Siliconix TLVP420 Datasheet HTML 5Page - Vishay Siliconix TLVP420 Datasheet HTML 6Page - Vishay Siliconix TLVP420 Datasheet HTML 7Page - Vishay Siliconix TLVP420 Datasheet HTML 8Page - Vishay Siliconix TLVP420 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLVH420., TLVS4200, TLVY4200, TLVG4200, TLVP420.
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 14-Oct-14
3
Document Number: 83057
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous flux is tested at a current pulse duration of 25 ms.
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on each
bag (there will be no mixing of two groups in each bag).
In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped on any one bag.
In order to ensure availability, single wavelength groups will not be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLVP4200, TLVP4201, PURE GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux
IF = 15 mA
TLVP4200
φV
420
-
mlm
TLVP4201
φV
16
30
-
mlm
Dominant wavelength
IF = 10 mA
λd
555
-
565
nm
Peak wavelength
IF = 10 mA
λp
-
555
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 85
-
deg
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF
LUMINOUS FLUX CLASSIFICATION
GROUP
LUMINOUS FLUX (mlm)
STANDARD
MIN.
MAX.
P4
8
Q
6.3
12.5
R10
20
S16
32
T25
50
U40
80
V
63
125
W
100
200
X
130
260
Y
180
360
Z
240
480
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
YELLLOW
GREEN
PURE GREEN
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
0
555
559
1
581
584
558
561
2
583
586
560
563
3
585
588
562
565
562
565
4
587
590
564
567
5
589
592
566
569
6
591
594
568
571
7
570
573
8
572
575


Similar Part No. - TLVP420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLVP420 VISHAY-TLVP420 Datasheet
169Kb / 9P
   Backlighting LED in 횠 3 mm Tinted Non-Diffused Package
01-Jan-2022
TLVP420 VISHAY-TLVP420_V01 Datasheet
169Kb / 9P
   Backlighting LED in 횠 3 mm Tinted Non-Diffused Package
01-Jan-2022
More results

Similar Description - TLVP420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHP4200 VISHAY-TLHP4200 Datasheet
112Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Clear Package
01-Jan-2022
TLHP42J2L1 VISHAY-TLHP42J2L1_V01 Datasheet
113Kb / 5P
   High Intensity LED in 횠 3 mm Tinted Clear Package
01-Jan-2022
logo
Lite-On Technology Corp...
LTE4208 LITEON-LTE4208 Datasheet
117Kb / 3P
   CLEAR TRANSPARENT COLOR PACKAGE
logo
Vishay Siliconix
TLHK5400 VISHAY-TLHK5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHR42 VISHAY-TLHR42 Datasheet
120Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. A1, 04-Feb-99
TLUR440 VISHAY-TLUR440 Datasheet
117Kb / 5P
   Universal LED in 3 mm Tinted Diffused Package
Rev. 1.7, 14-Jun-06
TLUR240 VISHAY-TLUR240 Datasheet
112Kb / 8P
   Universal LED, 1.8 mm Tinted Diffused Miniplast Package
Rev. A1, 04-Feb-99
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
   Universal LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHF5400 VISHAY-TLHF5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHGY420 VISHAY-TLHGY420 Datasheet
313Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. 1.3, 31-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com