Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLVD42 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLVD42
Description  High brightness
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLVD42 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLVD42 Datasheet HTML 1Page - Vishay Siliconix TLVD42 Datasheet HTML 2Page - Vishay Siliconix TLVD42 Datasheet HTML 3Page - Vishay Siliconix TLVD42 Datasheet HTML 4Page - Vishay Siliconix TLVD42 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLVD42....
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 14-Oct-14
4
Document Number: 83434
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
Ø 2.95 ± 0.1
0.4
+ 0.15
- 0.05
2.54 nom.
A
C
AREA NOT PLANE
technical drawings
according to DIN
specifications
Drawing-No.: 6.544-5226.01-4
Issue: 2; 28.07.14
0.5
+ 0.2
- 0.1


Similar Part No. - TLVD42

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
145Kb / 5P
   DH Backlighting LED in 횠 3 mm Tinted Non-Diffused Package
01-Jan-2022
TLVD4200 VISHAY-TLVD4200 Datasheet
197Kb / 6P
   Categorized for luminous flux
Rev. 2.0, 27-Jan-15
TLVD4200 VISHAY-TLVD4200 Datasheet
196Kb / 6P
   DH Backlighting LED in 횠 3 mm Tinted Non-Diffused Package
01-Jan-2022
TLVD4200 VISHAY-TLVD4200 Datasheet
195Kb / 6P
   DH Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
TLVD4200-MSZ VISHAY-TLVD4200-MSZ Datasheet
197Kb / 6P
   Categorized for luminous flux
Rev. 2.0, 27-Jan-15
More results

Similar Description - TLVD42

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com