Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLHR6401 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHR6401
Description  Small mechanical tolerances
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR6401 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHR6401 Datasheet HTML 1Page - Vishay Siliconix TLHR6401 Datasheet HTML 2Page - Vishay Siliconix TLHR6401 Datasheet HTML 3Page - Vishay Siliconix TLHR6401 Datasheet HTML 4Page - Vishay Siliconix TLHR6401 Datasheet HTML 5Page - Vishay Siliconix TLHR6401 Datasheet HTML 6Page - Vishay Siliconix TLHR6401 Datasheet HTML 7Page - Vishay Siliconix TLHR6401 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLHR640., TLHY640., TLHG640.
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 16-Mar-15
1
Document Number: 83219
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Efficiency LED in Ø 5 mm Tinted Diffused Package
DESCRIPTION
The
TLH.640.
series
was
developed
for
standard
applications like general indicating and lighting purposes.
It is housed in a 5 mm tinted diffused plastic package. The
wide viewing angle of these devices provides a high on-off
contrast.
Several selection types with different luminous intensities
are offered. All LEDs are categorized in luminous intensity
groups. The green and yellow LEDs are categorized
additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
•Package: 5 mm
• Product series: standard
• Angle of half intensity: ± 30°
FEATURES
• Choice of three bright colors
• Standard T-1¾ package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Wide viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• TLH.640. without stand-offs
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Status lights
•Off / on indicator
• Background illumination
• Readout lights
• Maintenance lights
•Legend light
19224
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP.
MAX.
TLHR6400
Red
1.6
10
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR6400-CS12Z
Red
1.6
10
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR6401
Red
4
12
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR6405
Red
6.3
14
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR6405-ASZ
Red
6.3
14
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR6405-BT12Z
Red
6.3
14
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHY6400
Yellow
1.6
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY6400-CS12Z
Yellow
1.6
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY6400-MS12Z
Yellow
1.6
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY6401
Yellow
4
12
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY6405
Yellow
6.3
14
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY6405-ASZ
Yellow
6.3
14
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY6405-BTZ
Yellow
6.3
14
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHG6400
Green
1.6
10
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG6400-AS12Z
Green
1.6
10
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG6400-CS12Z
Green
1.6
10
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG6401
Green
4
12
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG6401-AS12Z
Green
4
12
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG6405
Green
6.3
15
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG6405-ASZ
Green
6.3
15
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG6405-BTZ
Green
6.3
15
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP


Similar Part No. - TLHR6401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR6401 VISHAY-TLHR6401 Datasheet
129Kb / 9P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHR6401 VISHAY-TLHR6401 Datasheet
251Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.5, 31-Aug-04
TLHR6401 VISHAY-TLHR6401 Datasheet
200Kb / 9P
   High Efficiency LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLHR6401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK44R1S2 VISHAY-TLHK44R1S2 Datasheet
110Kb / 5P
   Small mechanical tolerances
Rev. 1.2, 14-Oct-14
TLHF4400 VISHAY-TLHF4400 Datasheet
107Kb / 5P
   Small mechanical tolerances
Rev. 1.2, 14-Oct-14
TLHK42T1U2 VISHAY-TLHK42T1U2 Datasheet
117Kb / 5P
   Small mechanical tolerances
Rev. 1.3, 14-Oct-14
logo
PUI audio inc.
AT-0927-TT-2-R PUIAUDIO-AT-0927-TT-2-R Datasheet
527Kb / 3P
   Small 9mm diameter electro-mechanical transducer
logo
CITIZEN ELECTRONICS CO....
516-A00070 CITIZEN-516-A00070 Datasheet
484Kb / 4P
   General tolerances
516-A00060 CITIZEN-516-A00060 Datasheet
483Kb / 4P
   General tolerances
logo
Amphenol Corporation
P-U90-B205-XXX1-XX0 AMPHENOL-P-U90-B205-XXX1-XX0 Datasheet
599Kb / 4P
   GENERAL TOLERANCES
logo
CITIZEN ELECTRONICS CO....
914-A00680 CITIZEN-914-A00680 Datasheet
490Kb / 4P
   General tolerances
logo
Amphenol Corporation
P-U90-B105-XXX1-XX0 AMPHENOL-P-U90-B105-XXX1-XX0 Datasheet
476Kb / 4P
   GENERAL TOLERANCES
P-U90-B305-XXX1-XX0 AMPHENOL-P-U90-B305-XXX1-XX0 Datasheet
683Kb / 4P
   GENERAL TOLERANCES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com