Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4210AETT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4210AETT
Description  High-Side Power and Current Monitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4210AETT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4210AETT Datasheet HTML 1Page - Maxim Integrated Products MAX4210AETT Datasheet HTML 2Page - Maxim Integrated Products MAX4210AETT Datasheet HTML 3Page - Maxim Integrated Products MAX4210AETT Datasheet HTML 4Page - Maxim Integrated Products MAX4210AETT Datasheet HTML 5Page - Maxim Integrated Products MAX4210AETT Datasheet HTML 6Page - Maxim Integrated Products MAX4210AETT Datasheet HTML 7Page - Maxim Integrated Products MAX4210AETT Datasheet HTML 8Page - Maxim Integrated Products MAX4210AETT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
High-Side Power and
Current Monitors
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 5.0V, VRS+ = 25V, VSENSE = 5mV, VIN = 1.0V, VLE = 0V, RIOUT = RPOUT = 1M
Ω, VCIN1+ = VCIN2+ = VREF, VCIN1- = VCIN2- =
GND, VINHIBIT = 0V, RCOUT1 = RCOUT2 = 5k
Ω connected to VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25
°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, IN, CIN1, CIN2 to GND ....................................-0.3V to +6V
RS+, RS-, INHIBIT, LE, COUT1, COUT2 to GND ...-0.3V to +30V
IOUT, POUT, REF to GND ..........................-0.3V to (VCC + 0.3V)
Differential Input Voltage (VRS+ - VRS-) .................................±5V
Maximum Current into Any Pin..........................................
±10mA
Output Short-Circuit Duration to VCC or GND ........................10s
Continuous Power Dissipation (TA = +70°C)
6-Pin TDFN (derate 24.4mW/°C above +70°C) ..........1951mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
16-Pin TSSOP (derate 9.4mW/°C above +70°C) ..........754mW
16-Pin Thin QFN (derate 25mW/°C above +70°C) .....2000mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
(Note 2)
VCC
2.7
5.5
V
Common-Mode Input Range
(Note 3)
VCMR
Measured at RS+
4
28
V
MAX4210
380
570
TA = +25°C,
VCC = +5.5V
MAX4211
670
960
MAX4210
670
Supply Current
ICC
VCC = +5.5V
MAX4211
1100
µA
MAX421_A/B/C
14
25
IRS+
VSENSE = 0mV
MAX421_D/E/F
3
8
Input Bias Current
IRS-
VSENSE = 0mV
3
8
µA
IN Input Bias Current
IIN
MAX421_D/E/F
-0.1
-1
µA
Leakage Current
IRS+, IRS-
VCC = 0V
0.1
1
µA
MAX421_A/B/D/E
150
VSENSE Full-Scale Voltage
(Note 4)
VSENSE_FS
MAX421_C/F
100
mV
IN Full-Scale Voltage
(Note 4)
VIN_FS
MAX421_D/E/F, VSENSE = 10mV to
100mV
1V
IN Input Voltage Range
(Note 5)
VIN
MAX421_D/E/F, VSENSE = 10mV to
100mV
0.16
1.10
V
VRS+ Full-Scale Voltage
(Note 4)
MAX421_A/B/C, VSENSE = 10mV to
100mV
25
V
VRS+ Input Voltage Range
(Note 5)
VRS+
MAX421_A/B/C, VSENSE = 10mV to
100mV
428
V
Current into IOUT = 10µA
1.5
Current into IOUT = 100µA
2.5
80
Current into POUT = 10µA
1.5
Minimum IOUT/POUT Voltage
VOUT_MIN
VSENSE =
0V, VRS+ =
25V
Current into POUT = 100µA
2.5
80
mV
Current out of
IOUT = 500µA
VCC -
0.25
Maximum IOUT/POUT Voltage
(Note 6)
VOUT_MAX
VSENSE =
300mV,
VRS+ = 25V
Current out of
POUT = 500µA
VCC -
0.25
V


Similar Part No. - MAX4210AETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210AETT-T MAXIM-MAX4210AETT-T Datasheet
676Kb / 32P
   High-Side Power and Current Monitors
Rev 1; 5/05
More results

Similar Description - MAX4210AETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210_05 Datasheet
676Kb / 32P
   High-Side Power and Current Monitors
Rev 1; 5/05
logo
Diodes Incorporated
ZXCT1107 DIODES-ZXCT1107 Datasheet
374Kb / 17P
   LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT11 DIODES-ZXCT11 Datasheet
263Kb / 2P
   Low power high side current monitors
ZXCT1107_1107 DIODES-ZXCT1107_1107 Datasheet
341Kb / 16P
   LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1087E5TA DIODES-ZXCT1087E5TA Datasheet
306Kb / 13P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
ZXCT1084E5TA DIODES-ZXCT1084E5TA Datasheet
307Kb / 14P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004_V01 Datasheet
1Mb / 11P
   High-Accuracy, High-Side Current Monitors in SOT23
2015
MAX4004 MAXIM-MAX4004 Datasheet
241Kb / 10P
   High-Accuracy, High-Side Current Monitors in SOT23
Rev 1; 5/03
logo
Diodes Incorporated
ZXCT1082Q DIODES-ZXCT1082Q Datasheet
500Kb / 13P
   AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com