Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS611781RNWT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS611781RNWT
Description  20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS611781RNWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS611781RNWT Datasheet HTML 4Page - Texas Instruments TPS611781RNWT Datasheet HTML 5Page - Texas Instruments TPS611781RNWT Datasheet HTML 6Page - Texas Instruments TPS611781RNWT Datasheet HTML 7Page - Texas Instruments TPS611781RNWT Datasheet HTML 8Page - Texas Instruments TPS611781RNWT Datasheet HTML 9Page - Texas Instruments TPS611781RNWT Datasheet HTML 10Page - Texas Instruments TPS611781RNWT Datasheet HTML 11Page - Texas Instruments TPS611781RNWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Resistor (k:)
0
100
200
300
400
500
600
700
800
900 1000
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
3300
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
10
12
14
16
18
20
22
24
D013
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
10
12
14
16
18
20
22
24
26
D014
Resistor (k:)
40
60
80
100
120
140
160
180
200
220
240
0
2
4
6
8
10
12
14
16
D040
Auto PFM
Forced PWM
Input Voltage (V)
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D018
TJ = -40 qC
TJ = 25 qC
TJ = 85 qC
Input Voltage (V)
8
10
12
14
16
18
20
150
170
190
210
230
250
270
290
310
D010
TJ = -40 qC
TJ = 25 qC
TJ = 85 qC
8
TPS61178, TPS611781
SLVSDA7 – FEBRUARY 2017
www.ti.com
Product Folder Links: TPS61178 TPS611781
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Quiescent Current vs VIN
Figure 8. Shutdown Current vs VIN
VOUT = 16 V
VIN = 7.2 V
Auto PFM
Figure 9. Switch Current Limit vs Setting Resistor
VCC = 6 V
Figure 10. LS Rdson vs Temperature
VCC = 6 V
Figure 11. HS Rdson vs Temperature
VIN = 7.2 V
VOUT = 16 V
Figure 12. Frequency vs Setting Resistor


Similar Part No. - TPS611781RNWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS611781 TI1-TPS611781 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
More results

Similar Description - TPS611781RNWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
[Old version datasheet]   16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
[Old version datasheet]   16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI1-TPS61088_16 Datasheet
1Mb / 32P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com