Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3334B0150 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # W3334B0150
Description  Internal Antenna
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3334B0150 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  W3334B0150 Datasheet HTML 1Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 2Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 3Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 4Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 5Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 6Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 7Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 8Page - Pulse A Technitrol Company W3334B0150 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description: FPC Antenna 2.4/5.xGHz/DSRC
PART NUMBER:
W3334B0150
Series: Internal Antenna
Issue: 1635
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
For more information:
Pulse Worldwide Headquarters
Pulse/Larsen Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
12220 World Trade Drive
3611 NE 112th Ave
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg,4th Phase
San Diego, CA 92128
Vancouver, WA 98682
Zeppelinstrasse 15
Suzhou New District
USA
USA
Herrenberg, Germany
Jiangsu Province, Suzhou 215009 PR China
Tel:1-858-674-8100
Tel: 1-360-944-7551
-
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
Features:
Applications:
All dimensions are in mm / inches
• Peak gain 4/5.5dBi
• VSWR 2:1
• Mounting with adhesive tape
• Ultra small flexible radiator
4.3x15.3x0.1mm
• 150mm coax feed cable with
U.FL compatible connector
• 2.4/5.xGHz radios
• Dualband WiFi
• Bluetooth, BLE, ZigBee
• DSRC 5.85-5.925GHz
• Routers, set top boxes
• IoT, M2M, V2x
1


Similar Part No. - W3334B0150

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3334B0150 PULSE-W3334B0150 Datasheet
1Mb / 15P
   FPC ANTENNA 2.4
W3334B0150 PULSE-W3334B0150 Datasheet
760Kb / 4P
   : Flexible PCB Antennas ISM, WiFi ,2G/3G/4G, LTE, GNSS
W3334B0150 PULSE-W3334B0150 Datasheet
1Mb / 15P
   FPC Antenna 2.4/5.xGHz/DSRC
More results

Similar Description - W3334B0150

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3315B0100 PULSE-W3315B0100 Datasheet
976Kb / 10P
   Internal Antenna
logo
Taoglas antenna solutio...
PC23090100A TAOGLAS-PC23090100A Datasheet
381Kb / 7P
   Internal Circular PCB Antenna
PC23.07.0100A TAOGLAS-PC23.07.0100A_12 Datasheet
504Kb / 7P
   Internal Circular PCB Antenna
PC23.09.0100A TAOGLAS-PC23.09.0100A_12 Datasheet
505Kb / 7P
   Internal Circular PCB Antenna
logo
Laird Tech Smart Techno...
D-PUCK LSTD-D-PUCK Datasheet
801Kb / 1P
   Internal Antenna Surface Mount
logo
Taoglas antenna solutio...
PC23070100A TAOGLAS-PC23070100A Datasheet
368Kb / 7P
   Internal Circular PCB Antenna
logo
Raltron Electronics Cor...
RPA-GPS-1515-2 RALTRON-RPA-GPS-1515-2 Datasheet
199Kb / 3P
   INTERNAL PASSIVE PATCH ANTENNA
logo
Pulse A Technitrol Comp...
W6114XXXX PULSE-W6114XXXX Datasheet
3Mb / 9P
   Internal Antenna 5G/4G 2x2 MIMO FPC Antenna
W3502 PULSE-W3502 Datasheet
425Kb / 4P
   Internal Quad Band PWB Antenna
logo
Axiomtek Co., Ltd.
GOT5840T-834 AXIOMTEK-GOT5840T-834 Datasheet
527Kb / 2P
   Supports WLAN module & internal antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com