Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA4533AYH Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # EA4533AYH
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

EA4533AYH Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button EA4533AYH Datasheet HTML 3Page - Active-Semi, Inc EA4533AYH Datasheet HTML 4Page - Active-Semi, Inc EA4533AYH Datasheet HTML 5Page - Active-Semi, Inc EA4533AYH Datasheet HTML 6Page - Active-Semi, Inc EA4533AYH Datasheet HTML 7Page - Active-Semi, Inc EA4533AYH Datasheet HTML 8Page - Active-Semi, Inc EA4533AYH Datasheet HTML 9Page - Active-Semi, Inc EA4533AYH Datasheet HTML 10Page - Active-Semi, Inc EA4533AYH Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ACT4533A/B
Rev 0, 14-Aug-13
Innovative Power
TM
- 7 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
APPLICATIONS INFORMATION
Output Voltage Setting
Figure 1:
Output Voltage Setting
Figure 1 shows the connections for setting the
output voltage. Select the proper ratio of the two
feedback resistors RFB1 and RFB2 based on the
output voltage. Adding a capacitor in parallel with
RFB1 helps the system stability. Typically, use RFB2
10kΩ and determine RFB1 from the following
equation:
CC Current Setting
ACT4533A/B constant current value is set by a
resistor connected between the ISET pin and GND.
The CC output current is linearly proportional to the
current flowing out of the ISET pin. The voltage at
ISET is roughly 1.1V and the current gain from
ISET to output is roughly 21000 (21mA/1µA). To
determine the proper resistor for a desired current,
please refer to Figure 2 below.
Figure 2:
Curve for Programming Output CC Current
CC Current Line Compensation
When operating at constant current mode, the
current limit increase slightly with input voltage. For
wide input voltage applications, a resistor RC may
be added to compensate line change and keep
output high CC accuracy, as shown in Figure 3.
Figure 3:
Iutput Line Compensation
Inductor Selection
The inductor maintains a continuous current to the
output load. This inductor current has a ripple that is
dependent on the inductance value:
Higher inductance reduces the peak-to-peak ripple
current. The trade off for high inductance value is
the increase in inductor core size and series
resistance, and the reduction in current handling
capability. In general, select an inductance value L
based on ripple current requirement:
where VIN is the input voltage, VOUT is the output
voltage, fSW is the switching frequency, ILOADMAX is
the maximum load current, and KRIPPLE is the ripple
factor. Typically, choose KRIPPLE = 30% to
correspond to the peak-to-peak ripple current being
30% of the maximum load current.
With a selected inductor value the peak-to-peak
inductor current is estimated as:
The peak inductor current is estimated as:
The selected inductor should not saturate at ILPK.
The maximum output current is calculated as:
(3)
(
)
SW
IN
OUT
IN
OUT
PK
LPK
f
V
L
V
V
V
I
×
×
×
=
_
_
PK
LPK
LOADMAX
LPK
_
I
2
1
I
I
+
=
(4)
Output Current vs. RISET
3500
3000
2500
2000
1500
1000
500
4500
4000
RISET (kΩ)
2
6
10
14
18
22
26
(2)
(
)
RIPPLE
LOADMAX
SW
IN
OUT
IN
OUT
K
I
f
V
V
V
V
L
_
×
=
=
1
V
808
.
0
V
R
R
OUT
2
FB
1
FB
(1)
VIN = 24V, VOUT = 4V


Similar Part No. - EA4533AYH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results

Similar Description - EA4533AYH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4515 ACTIVE-SEMI-ACT4515_12 Datasheet
463Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4523A ACTIVE-SEMI-ACT4523A Datasheet
400Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
ACT4513 ACTIVE-SEMI-ACT4513_12 Datasheet
673Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com