Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLHO440 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TLHO440
Description  Suitable for DC and high peak current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHO440 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TLHO440 Datasheet HTML 3Page - Vishay Siliconix TLHO440 Datasheet HTML 4Page - Vishay Siliconix TLHO440 Datasheet HTML 5Page - Vishay Siliconix TLHO440 Datasheet HTML 6Page - Vishay Siliconix TLHO440 Datasheet HTML 7Page - Vishay Siliconix TLHO440 Datasheet HTML 8Page - Vishay Siliconix TLHO440 Datasheet HTML 9Page - Vishay Siliconix TLHO440 Datasheet HTML 10Page - Vishay Siliconix TLHO440 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 13-Jun-16
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of
typical requirements that are often placed on Vishay products in generic applications. Such statements are not binding
statements about the suitability of products for a particular application. It is the customer’s responsibility to validate that a
particular product with the properties described in the product specification is suitable for use in a particular application.
Parameters provided in datasheets and / or specifications may vary in different applications and performance may vary over
time. All operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk.
Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for
such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document
or by any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - TLHO440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHO440 VISHAY-TLHO440 Datasheet
209Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHO440. VISHAY-TLHO440. Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHO4400 VISHAY-TLHO4400 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHO4400 VISHAY-TLHO4400 Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLHO440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHF42U1V2-35 VISHAY-TLHF42U1V2-35 Datasheet
107Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHO42M1N2 VISHAY-TLHO42M1N2 Datasheet
108Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHY44K1L2 VISHAY-TLHY44K1L2 Datasheet
109Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
TLHK46Q1R2 VISHAY-TLHK46Q1R2 Datasheet
107Kb / 5P
   Suitable for DC and high peak current
Rev. 1.2, 14-Oct-14
logo
Maxim Integrated Produc...
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
   Suitable for large current
logo
Infineon Technologies A...
IPA80R460CE INFINEON-IPA80R460CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com