Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA4527YH Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # EA4527YH
Description  40V/3.0A CV/CC Buck Converter Featuring USB-PD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

EA4527YH Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button EA4527YH Datasheet HTML 2Page - Active-Semi, Inc EA4527YH Datasheet HTML 3Page - Active-Semi, Inc EA4527YH Datasheet HTML 4Page - Active-Semi, Inc EA4527YH Datasheet HTML 5Page - Active-Semi, Inc EA4527YH Datasheet HTML 6Page - Active-Semi, Inc EA4527YH Datasheet HTML 7Page - Active-Semi, Inc EA4527YH Datasheet HTML 8Page - Active-Semi, Inc EA4527YH Datasheet HTML 9Page - Active-Semi, Inc EA4527YH Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ACT4527
Rev 2, 06-Jan-2017
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright
©
2
0
1
5
-2017 Active-Semi, Inc.
FUNCTIONAL BLOCK DIAGRAM
PWM
Controller
Driver
Current Sense
and Control
70m
4.7
OVP
CSP
CSN
GND
SW
HSB
UVLO
VIN
PDC
FUNCTIONAL DESCRIPTION
Output Current Sensing and Regulation
Sense resistor is connected to CSP and CSN. The
sensed differential voltage is compared with interval
reference to regulate current. CC loop and CV loop
are in parallel. The current loop response is allowed
to have slower response compared to voltage loop.
However, during current transient response, the
inductor current overshoot/undershoot should be
controlled
within
+/-25%
to
avoid
inductor
saturation.
Cycle-by-Cycle Current Control
The conventional cycle-by-cycle peak current mode
is implemented with high-side FET current sense.
Input Over Voltage Protection
The converter is disabled if the input voltage is
above 42V (+/-2V). Device resumes operation
automatically 40ms after OVP is cleared.
Output Over Voltage Protection
Device stops switching when output over-voltage is
sensed, and resumes operation automatically when
output voltage drops to OVP- hysteresis.
Output Over Voltage Discharge
Discharge circuit starts to discharge output through
CSP pins when output over voltage is detected.
Discharge circuit brings 12V down to 5V in less
than 100ms.
Output Under-Voltage Protection /
Hiccup Mode
There
is
a
under
voltage
protection
(UVP)
threshold. If the UVP threshold is hit for 10us, an
over current or short circuit is assumed, and the
converter goes into hiccup mode by disabling the
converter and restarts after hiccup waiting period.
Cord Compensation
In
some
applications,
the
output
voltage
is
increased with output current to compensate the
potential voltage drop across output cable. The
compensation is based on the high side feedback
resistance.
The compensation voltage is derived as:
Ä
Vout = (VCSP-VCSN)*K
Where K=3.03
This voltage difference could be added on the
reference or turning the (VCSP-VCSN) voltage into a
sink current at FB pin to pull Vout higher than
programmed voltage.
The cord compensation loop should be very slow to
avoid potential disturbance to the voltage loop. The
voltage loop should be sufficiently stable on various
cord compensation setting.
Thermal Shutdown
If the TJ increases beyond 160
°
C
,
A
C
T
4
5
2
7
g
o
e
s
into HZ mode and the timer is preserved until TJ
drops by 30
°
C
.


Similar Part No. - EA4527YH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
EA4523AYH ACTIVE-SEMI-EA4523AYH Datasheet
400Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
EA4524YH ACTIVE-SEMI-EA4524YH Datasheet
1Mb / 16P
   40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 1.1, 22-Feb-16
EA4526YH ACTIVE-SEMI-EA4526YH Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
More results

Similar Description - EA4527YH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4529 ACTIVE-SEMI-ACT4529_17 Datasheet
1Mb / 15P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 4, 06-Jan-2017
ACT4529 ACTIVE-SEMI-ACT4529 Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
ACT4530 ACTIVE-SEMI-ACT4530 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 19-Nov-2018
ACT4529M ACTIVE-SEMI-ACT4529M Datasheet
2Mb / 15P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
ACT4530M ACTIVE-SEMI-ACT4530M Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 04-Jan-2019
ACT4526 ACTIVE-SEMI-ACT4526 Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 1.2, December 28th, 2015
ACT4526 ACTIVE-SEMI-ACT4526_17 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
EA4526YH ACTIVE-SEMI-EA4526YH Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com